Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 103 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 99Page - NXP Semiconductors LPC55S2X Datasheet HTML 100Page - NXP Semiconductors LPC55S2X Datasheet HTML 101Page - NXP Semiconductors LPC55S2X Datasheet HTML 102Page - NXP Semiconductors LPC55S2X Datasheet HTML 103Page - NXP Semiconductors LPC55S2X Datasheet HTML 104Page - NXP Semiconductors LPC55S2X Datasheet HTML 105Page - NXP Semiconductors LPC55S2X Datasheet HTML 106Page - NXP Semiconductors LPC55S2X Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
The internal pull-up (1.5 kW) can be enabled by setting the DCON bit in the DEVCMDSTAT register to prevent
the USB from timing out when there is a significant delay between power-up and handling USB traffic. External
circuitry is not required.
REGULATOR
VBUS
LPCxxxx
R1
R2
R3
1.5 κΩ
USB-B
connector
USB_DP
USB_DM
VSS
USB_VBUS(2)
USB_VBUS(1)
USB
USB_CONNECT
D+
D-
RS = 33 Ω
RS = 33 Ω
VBAT_DCDC/VBAT_
PMU/VDD/USB_3V3
Figure 31. USB interface on a bus-powered device
Two options exist for connecting VBUS to the USB_VBUS pin:
• Connect the regulator output to USB_VBUS. In this case, the USB_VBUS signal is HIGH whenever the part is
powered.
• Connect the VBUS signal directly from the connector to the USB_VBUS pin. In this case, 5 V are applied
to the USB_VBUS pin while the regulator is ramping up to supply VDD. Since the USB_VBUS pin is only 5
V tolerant when VDD is at operating level, this connection can degrade the performance of the part over its
lifetime. Simulation shows that lifetime is reduced to 15 years at Tamb = 45 °C and 8 years at Tamb = 55 °C
assuming that USB_VBUS = 5 V is applied continuously while VDD = 0 V.
13.6 USB1 High-speed VBUS threshold levels
The USB1 has the following characteristics for VBUS (see Table 46). The USB1_VBUS can tolerate an input
voltage of 5.5 V.
Function
Min
Typ
Max
Unit
Votg_sess_valid
0.8
-
4.0
V
VBUS_valid
4.192
-
5.5
V
Vadp_probe
0.6
-
0.8
V
Vadp_sense
0.20
-
0.55
V
Table 46. USB1 High-speed VBUS threshold levels
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
103 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com