Electronic Components Datasheet Search
  English  ▼

X  

STAC9250 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9250
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9250 Datasheet HTML 31Page - Integrated Device Technology STAC9250 Datasheet HTML 32Page - Integrated Device Technology STAC9250 Datasheet HTML 33Page - Integrated Device Technology STAC9250 Datasheet HTML 34Page - Integrated Device Technology STAC9250 Datasheet HTML 35Page - Integrated Device Technology STAC9250 Datasheet HTML 36Page - Integrated Device Technology STAC9250 Datasheet HTML 37Page - Integrated Device Technology STAC9250 Datasheet HTML 38Page - Integrated Device Technology STAC9250 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
35
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
5.5.15.
AFG GPIOWake
5.5.16.
AFG GPIOUnsolEn
Table 38. AFG GPIOWake Command Verb Format
Verb ID
Payload
Response
Get
F18
00
See bitfield table
Set1
718
See bits [7:0] of bitfield table
0000_0000h
Table 39. AFG GPIOWake Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:4]
Rsvd
R
0x0
Reserved
[3]
En3
RW
0x0
Wake enable for GPIO3:
0 = wake-up event is disabled;
1 = when HD Audio link is powered down (RST# is
asserted), a wake-up event will trigger a Status Change
Request event on the link.
[2]
En2
RW
0x0
Wake enable for GPIO2:
0 = wake-up event is disabled;
1 = when HD Audio link is powered down (RST# is
asserted), a wake-up event will trigger a Status Change
Request event on the link.
[1]
En1
RW
0x0
Wake enable for GPIO1:
0 = wake-up event is disabled;
1 = when HD Audio link is powered down (RST# is
asserted), a wake-up event will trigger a Status Change
Request event on the link.
[0]
En0
RW
0x0
Wake enable for GPIO0:
0 = wake-up event is disabled;
1 = when HD Audio link is powered down (RST# is
asserted), a wake-up event will trigger a Status Change
Request event on the link.
Table 40. AFG GPIOUnsolEn Command Verb Format
Verb ID
Payload
Response
Get
F19
00
See bitfield table
Set1
719
See bits [7:0] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com