Electronic Components Datasheet Search
  English  ▼

X  

STAC9250 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # STAC9250
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button STAC9250 Datasheet HTML 12Page - Integrated Device Technology STAC9250 Datasheet HTML 13Page - Integrated Device Technology STAC9250 Datasheet HTML 14Page - Integrated Device Technology STAC9250 Datasheet HTML 15Page - Integrated Device Technology STAC9250 Datasheet HTML 16Page - Integrated Device Technology STAC9250 Datasheet HTML 17Page - Integrated Device Technology STAC9250 Datasheet HTML 18Page - Integrated Device Technology STAC9250 Datasheet HTML 19Page - Integrated Device Technology STAC9250 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
16
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
3. DETAILED DESCRIPTION
3.1.
SPDIF Input
SPDIF IN can operate at 44.1 KHz or 96 KHz, and implements internal Jack Sensing. A sophisti-
cated digital PLL allows automatic rate detection and accurate data recovery. The ability to directly
accept consumer SPDIF voltage levels eliminates the need for costly external receiver ICs.
Advanced features such as record slot select and SPDIF_IN routing to the DAC allows for simulta-
neous record and play.
3.2.
SPDIF Output
SPDIF OUT can operate at 44.1 KHz, 48 KHz, 88.2 KHz, and 96 KHz, as defined in the Intel High
Definition Audio Specification, with resolutions up to 24 bits. This insures compatibility with all con-
sumer audio gear and allows for convenient integration into home theater systems and media center
PCs.
3.3.
Digital Microphone Support (STAC9251 only)
The STAC9251 has a three-pin digital microphone interface that accepts high-rate, single-bit data
streams from two digital microphones. Each microphone requires only one data line. Both micro-
phones share a single clock line. This robust digital interface gives designers the flexibility to place
the microphones in the optimum location on a system (such as along the top of the screen bezel)
and use a simple, 3-wire ribbon cable to directly connect the microphones to the STAC9251
CODEC.
3.4.
SiLabs System Side Modem
A licensed Silicon Labs System Side modem based on the Si3054 architecture is integrated into
STAC9250/9251. Combined with a Silicon Labs Line Side IC (Si3080 or similar), the STAC9250/
9251 allows designers to implement a two-chip HD Audio and HD Modem solution for significant
cost and board space savings.
3.5.
Mono Out
The MONO Output is connected to pin 37 and has independent volume and mute control (see the
Widget listing for details). The MONO Output derives it’s input from the output of the summing node
that drives PORT A and PORT D. The following analog signals feed the summing amplifier that
feeds the MONO Out summing amplifier:
•
DAC Output: When enabled, both DAC Outputs are summed together.
•
Analog PC Beep: Source from Pin 12
•
ADC Input: Stereo analog feed into the stereo ADC input.
The combination of the stereo channels from DAC are combined into a single analog signal with a
-6dB degradation in signal strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com