Electronic Components Datasheet Search
  English  ▼

X  

ICS524MILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS524MILFT
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS524MILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS524MILFT Datasheet HTML 1Page - Integrated Device Technology ICS524MILFT Datasheet HTML 2Page - Integrated Device Technology ICS524MILFT Datasheet HTML 3Page - Integrated Device Technology ICS524MILFT Datasheet HTML 4Page - Integrated Device Technology ICS524MILFT Datasheet HTML 5Page - Integrated Device Technology ICS524MILFT Datasheet HTML 6Page - Integrated Device Technology ICS524MILFT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS524
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
2
ICS524
REV A 101705
Pin Assignment
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01 µF
should be connected between VDD on pin 5 and GND on pin 8, as close to the device as possible. A 33
Ω series
terminating resistor may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the ICS524 is capable of, careful attention must be paid to board layout.
Essentially, all four outputs must have identical terminations, identical loads and identical trace geometries. If they
do not, the output skew will be degraded. For example, using a 30
Ω series termination on one output (with 33Ω on
the others) will cause at least 15 ps of skew.
1
2
3
VD D
4
Q0
Q1
Q3
GND
Q2
ICLK
8
7
6
5
NC
8-pi n SO IC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock input, 5V tolerant input.
2
Q0
Output
Clock output 0.
3
Q1
Output
Clock output 1.
4
NC
-
Do not connect this pin to anything.
5
VDD
Power
Connect to +2.5 V, +3.3 V or +5.0 V.
6
Q2
Output
Clock Output 2.
7
Q3
Output
Clock Output 3.
8
GND
Power
Connect to ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com