Electronic Components Datasheet Search
  English  ▼

X  

ICS524MILFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS524MILFT
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS524MILFT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS524MILFT Datasheet HTML 1Page - Integrated Device Technology ICS524MILFT Datasheet HTML 2Page - Integrated Device Technology ICS524MILFT Datasheet HTML 3Page - Integrated Device Technology ICS524MILFT Datasheet HTML 4Page - Integrated Device Technology ICS524MILFT Datasheet HTML 5Page - Integrated Device Technology ICS524MILFT Datasheet HTML 6Page - Integrated Device Technology ICS524MILFT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS524
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
3
ICS524
REV A 101705
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS524. These ratings, which are
standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=2.5 V ±5%, Ambient temperature -40 to +85°C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7 V
Output Enable and All Outputs
-0.5 V to VDD+0.5 V
ICLK
-0.5 V to 5.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+2.375
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, ICLK
VIH
Note 1
VDD/2+0.5
5.5
V
Input Low Voltage, ICLK
VIL
Note 1
VDD/2-0.5
V
Output High Voltage
VOH
IOH = -16 mA
2
V
Output Low Voltage
VOL
IOL = 16 mA
0.4
V
Operating Supply Current
IDD
No load, 135 MHz
25
mA
Nominal Output Impedance
ZO
20
Ω
Input Capacitance
CIN
ICLK
5
pF
Short Circuit Current
IOS
±28
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com