Electronic Components Datasheet Search
  English  ▼

X  

ICS524MILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS524MILFT
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS524MILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS524MILFT Datasheet HTML 1Page - Integrated Device Technology ICS524MILFT Datasheet HTML 2Page - Integrated Device Technology ICS524MILFT Datasheet HTML 3Page - Integrated Device Technology ICS524MILFT Datasheet HTML 4Page - Integrated Device Technology ICS524MILFT Datasheet HTML 5Page - Integrated Device Technology ICS524MILFT Datasheet HTML 6Page - Integrated Device Technology ICS524MILFT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS524
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
5
ICS524
REV A 101705
AC Electrical Characteristics
VDD = 2.5 V ±5%, Ambient Temperature -40 to +85°C, unless stated otherwise
VDD = 3.3 V ±5%, Ambient Temperature -40 to +85°C, unless stated otherwise
VDD = 5 V ±5%, Ambient Temperature -40 to +85°C, unless stated otherwise
Notes: 1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult ICS for tight duty cycle clock
generators.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
1.0
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to Device Skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.6
1.0
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.6
1.0
ns
Propagation Delay
Note 1
2.0
2.4
4
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to Device Skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.3
0.7
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.3
0.7
ns
Propagation Delay
Note 1
1.8
2.5
4
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to Device Skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com