Electronic Components Datasheet Search
  English  ▼

X  

P4C165 Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C165
Description  ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C165 Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

  P4C165 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 9Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
P4C165
Page 7 of 9
Document # SRAM117 Rev OR
Mode
CLEAR
CLEAR
CLEAR
CLEAR
CLEAR CE
CE
CE
CE
CE
1
CE
2
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
I/O
Power
Reset
L
X
X
X
X
---
Active
Standby
H
H
X
X
X
High Z
Standby
Standby
H
X
L
X
X
High Z
Standby
Output
Disabled
H
L
H
H
H
High Z
Active
Read
H
L
H
L
H
D
OUT
Active
Write
H
L
H
X
L
High Z
Active
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise and
Fall Times
3ns
Input Timing
Reference Level
1.5V
Output Timing
Reference Level
1.5V
Output Load
See Figures 1 and 2
TRUTH TABLE
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C165, care must be taken
when testing this device; an inadequate setup can cause a normal
functioning part to be rejected as faulty. Long high-inductance leads that
cause supply bounce must be avoided by bringing the V
CC and ground
planes directly up to the contactor fingers. A 0.01 µF high frequency
capacitor is also required between V
CC and ground.
To avoid signal
reflections, proper termination must be used; for example, a 50
Ω test
environment should be terminated into a 50
Ω load with 1.73V (Thevenin
Voltage) at the comparator input, and a 116
Ω resistor must be used in
series with D
OUT to match 166Ω (Thevenin Resistance).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com