Electronic Components Datasheet Search
  English  ▼

X  

P4C165 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C165
Description  ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C165 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C165 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 9Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
P4C165
Page 3 of 9
Document # SRAM117 Rev OR
I
CC
Symbol
Parameter
Temperature Range
Dynamic Operating Current*
Commercial
Industrial
–15
–20
–25
–35
Unit
mA
mA
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE1 = VIL, CE2 = VIH, OE = VIH
POWER DISSIPATION CHARACTERISTICS VS. SPEED
150
155
160
160
155
150
N/A
N/A
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
OE
t
OLZ
t
OHZ
t
PU
t
PD
Parameter
Read Cycle Time
Address Access Time
Chip Enable Access Time
Output Hold from Address Change
Chip Enable to Output in Low Z
Chip Disable to Output in High Z
Output Enable Low to Low Z
Output Enable High to High Z
Chip Enable to Power Up Time
Chip Disable to Power Down Time
Output Enable Low to Data Valid
Max
Min
Max
Min
Max
Min
Max
Min
-15
-20
-25
-35
Unit
15
3
2
2
0
15
15
8
9
9
15
20
3
2
2
0
20
20
8
10
9
20
25
3
2
2
0
25
25
10
13
12
20
35
3
2
2
0
35
35
15
18
15
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com