Electronic Components Datasheet Search
  English  ▼

X  

P4C174 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C174
Description  HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C174 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C174 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4C174
Page 4 of 12
Document # SRAM118 REV C
Symbol
t
RC
t
AA
t
OH
t
AC
t
LZ
t
HZ
t
OE
t
OLZ
Read Cycle Time
Address Access
Time
Address Change to
Output Change
Chip Enable LOW to
Output Valid
Chip Enable LOW
to Output LOW-Z (1)
Chip Enable HIGH
to Output HIGH -Z (1)
Output Enable LOW
to Output Valid
Output Enable LOW
to Output LOW-Z (1)
Min
–8
Unit
ns
ns
ns
ns
ns
ns
ns
ns
–15
–20
–10
–12
–25
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
8
3
3
0
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
t
OHZ
Output Enable HIGH
to Output HIGH -Z (1)
t
PU
Chip Enable LOW or
Address Change to
Powerup
t
pUPD
Powerup to
Powerdown
Note:
1. Transition is measured ± 200 mV from steady state voltage with Output Load B.
0
8
8
5
5
5
20
10
3
3
0
0
10
10
5
6
5
20
12
3
3
0
0
12
12
5
6
5
20
15
3
3
0
0
15
15
8
8
5
20
20
3
3
0
0
20
20
8
10
8
20
25
3
3
0
0
25
25
10
12
10
25
ns
ns
ns
Parameter
READ CYCLE NO. 1 (OE
OE
OE
OE
OE CONTROLLED)(2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com