Electronic Components Datasheet Search
  English  ▼

X  

P4C174 Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C174
Description  HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C174 Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C174 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P4C174
Page 5 of 12
Document # SRAM118 REV C
Notes:
1. Transition is measured ±200 mV from steady state voltage with
Output
Load B. This parameter is sampled, not 100% tested.
2. CE is LOW, OE is LOW, WE is HIGH for READ cycle. CE or WE must
be HIGH during address transitions.
3. All address lines are valid no later than the transition of CE to LOW.
4. READ cycle time is measured from the last valid address to the first
transitioning address.
5. Powerup occurs as a result of any of the following conditions:
a) Falling edge of CE.
b) Falling edge of WE (CE active).
c) Any address line transition (CE active).
d) Any Data line transition (CE and WE active).
This device automatically powers down after T
PUPD has elapsed from
any of the prior conditions. Power dissipation is therefore a function
of cycle rate, not CE pulse width.
6. CE is LOW, WE is LOW for WRITE cycle. CE or WE must be HIGH
during address transitions.
7. WRITE cycle time is measured from the last valid address to the first
transitioning address.
8. OE is LOW for this WRITE cycle to show T
WZ and TOW.
READ CYCLE NO. 2 (ADDRESS CONTROLLED)(2)
READ CYCLE NO. 3 (CE
CE
CE
CE
CE CONTROLLED)(2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com