Electronic Components Datasheet Search
  English  ▼

X  

P4C174 Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C174
Description  HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C174 Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C174 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 11Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
P4C174
Page 7 of 12
Document # SRAM118 REV C
AC CHARACTERISTICS - MATCH CYCLE
(V
CC = 5.0V ± 10%, 0°C to +70°C)
Parameter
Symbol
Max
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Min
t
MC
t
ADM
t
ADMH
t
CEM
Match Cycle Time
Address Valid to MATCH
Valid
Address Change to MATCH
Change
Chip Enable LOW to
MATCH Valid
t
OEMHI
t
CEMHI
Unit
ns
ns
ns
ns
ns
ns
–25
–20
–15
–12
–10
–8
Chip Enable HIGH to
MATCH HIGH
Output Enable LOW to
MATCH HIGH
8
3
10
3
12
3
15
3
20
3
25
3
Data Change to MATCH
Change
t
DAMH
Data Valid to MATCH Valid
t
DAM
Write Enable LOW to
MATCH HIGH
t
WEMHI
8
10
1215
2025
78
8
10
10
15
78
8
10
10
15
20
15
12
10
9
7
ns
ns
ns
7
9
10
12
15
20
7
9
10
13
15
15
00
0
0
0
0
MATCH TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com