Electronic Components Datasheet Search
  English  ▼

X  

ICS83023I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS83023I
Description  DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83023I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS83023I Datasheet HTML 2Page - Integrated Device Technology ICS83023I Datasheet HTML 3Page - Integrated Device Technology ICS83023I Datasheet HTML 4Page - Integrated Device Technology ICS83023I Datasheet HTML 5Page - Integrated Device Technology ICS83023I Datasheet HTML 6Page - Integrated Device Technology ICS83023I Datasheet HTML 7Page - Integrated Device Technology ICS83023I Datasheet HTML 8Page - Integrated Device Technology ICS83023I Datasheet HTML 9Page - Integrated Device Technology ICS83023I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
83023AMI
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
6
Integrated
Circuit
Systems, Inc.
ICS83023I
DUAL, 1-TO-1
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
PARAMETER MEASUREMENT INFORMATION
OUTPUT RISE/FALLTIME
PROPAGATION DELAY
Clock
Outputs
0.8V
2V
2V
0.8V
tR
t F
OUTPUT SKEW
PART-TO-PART SKEW
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
tsk(pp)
V
DD
2
V
DD
2
Qx
Qy
PART 1
PART 2
nCLK0, nCLK1
CLK0, CLK1
Q0, Q1
t
PD
V
DD
2
-1.65V ± 0.15V
1.65V ± 0.15V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
PERIOD
t
PW
t
PERIOD
odc =
V
DD
2
x 100%
t
PW
Q0, Q1
GND
DIFFERENTIAL INPUT LEVEL
V
DD
tsk(o)
V
DD
2
V
DD
2
Qx
Qy
ICS83023I
DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
TSD
IDT™ / ICS™ DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023I
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com