Electronic Components Datasheet Search
  English  ▼

X  

ICS83023I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS83023I
Description  DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83023I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS83023I Datasheet HTML 5Page - Integrated Device Technology ICS83023I Datasheet HTML 6Page - Integrated Device Technology ICS83023I Datasheet HTML 7Page - Integrated Device Technology ICS83023I Datasheet HTML 8Page - Integrated Device Technology ICS83023I Datasheet HTML 9Page - Integrated Device Technology ICS83023I Datasheet HTML 10Page - Integrated Device Technology ICS83023I Datasheet HTML 11Page - Integrated Device Technology ICS83023I Datasheet HTML 12Page - Integrated Device Technology ICS83023I Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
83023AMI
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
10
Integrated
Circuit
Systems, Inc.
ICS83023I
DUAL, 1-TO-1
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
TABLE 6. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-012
PACKAGE OUTLINE - SUFFIX M FOR 8 LEAD SOIC
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
N
U
M
I
N
I
MM
U
M
I
X
A
M
N8
A5
3
.
15
7
.
1
1
A0
1
.
05
2
.
0
B3
3
.
01
5
.
0
C9
1
.
05
2
.
0
D0
8
.
40
0
.
5
E0
8
.
30
0
.
4
eC
I
S
A
B
7
2
.
1
H0
8
.
50
2
.
6
h5
2
.
00
5
.
0
L0
4
.
07
2
.
1
α
°
0°
8
ICS83023I
DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
TSD
IDT™ / ICS™ DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023I
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com