Electronic Components Datasheet Search
  English  ▼

X  

ICS83023I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS83023I
Description  DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83023I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS83023I Datasheet HTML 5Page - Integrated Device Technology ICS83023I Datasheet HTML 6Page - Integrated Device Technology ICS83023I Datasheet HTML 7Page - Integrated Device Technology ICS83023I Datasheet HTML 8Page - Integrated Device Technology ICS83023I Datasheet HTML 9Page - Integrated Device Technology ICS83023I Datasheet HTML 10Page - Integrated Device Technology ICS83023I Datasheet HTML 11Page - Integrated Device Technology ICS83023I Datasheet HTML 12Page - Integrated Device Technology ICS83023I Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
83023AMI
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
11
Integrated
Circuit
Systems, Inc.
ICS83023I
DUAL, 1-TO-1
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
TABLE 7. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industiral applications. Any other applications such as those requiring high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product
for use in life support devices or critical medical instruments.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
I
M
A
3
2
0
3
8
S
C
II
M
A
1
2
0
3
8C
I
O
S
d
a
e
l
8e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
I
M
A
3
2
0
3
8
S
C
II
M
A
1
2
0
3
8C
I
O
S
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
F
L
I
M
A
3
2
0
3
8
S
C
IL
I
A
3
2
0
3
8C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
F
L
I
M
A
3
2
0
3
8
S
C
IL
I
A
3
2
0
3
8C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N
The aforementioned trademark, HiPerClockS is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.
ICS83023I
DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
TSD
IDT™ / ICS™ DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023I
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com