Electronic Components Datasheet Search
  English  ▼

X  

CC330XMOD Datasheet(PDF) 3 Page - Texas Instruments

Part # CC330XMOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC330XMOD Datasheet(HTML) 3 Page - Texas Instruments

  CC330XMOD Datasheet HTML 1Page - Texas Instruments CC330XMOD Datasheet HTML 2Page - Texas Instruments CC330XMOD Datasheet HTML 3Page - Texas Instruments CC330XMOD Datasheet HTML 4Page - Texas Instruments CC330XMOD Datasheet HTML 5Page - Texas Instruments CC330XMOD Datasheet HTML 6Page - Texas Instruments CC330XMOD Datasheet HTML 7Page - Texas Instruments CC330XMOD Datasheet HTML 8Page - Texas Instruments CC330XMOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4 Functional Block Diagrams
The below diagram shows the functional block diagram of the CC330xMOD module.
CC330x
1.8-V
IRQ
SLOW_CLK_IN
nRESET
SDIO/SPI
UART
ANT_SEL
Logger
COEX
40 MHz
XTAL
BPF
3.3-V
2.4 GHz
CC330xMOD
CC330xMOD Block Diagram
The below diagram shows a hardware overview of the CC330x IC used inside the CC330xMOD.
CC330x 2.4GHz Wi-Fi and BLE Companion IC
System
Power
Clock
User OTP
Packet RAM
Execution / Data RAM
Wi-Fi & BLE Core
Wi-Fi
MAC / Modem
BLE
MAC / Modem
2.4GHz Wi-Fi / BLE RF
ELP
Crypto
DMA
Interfaces
SDIO /SPI
UART
Coexistence
Antenna Diversity
nReset
2.4GHz
ANT
CC330x Hardware Overview
www.ti.com
CC330XMOD
SWRS342 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CC330XMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com