Electronic Components Datasheet Search
  English  ▼

X  

CC330XMOD Datasheet(PDF) 6 Page - Texas Instruments

Part # CC330XMOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC330XMOD Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC330XMOD Datasheet HTML 2Page - Texas Instruments CC330XMOD Datasheet HTML 3Page - Texas Instruments CC330XMOD Datasheet HTML 4Page - Texas Instruments CC330XMOD Datasheet HTML 5Page - Texas Instruments CC330XMOD Datasheet HTML 6Page - Texas Instruments CC330XMOD Datasheet HTML 7Page - Texas Instruments CC330XMOD Datasheet HTML 8Page - Texas Instruments CC330XMOD Datasheet HTML 9Page - Texas Instruments CC330XMOD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Software
SimpleLink Wi-Fi
Toolbox
SimpleLink Wi-Fi Toolbox is a collection of tools to help development and testing of the
CC33xx. The Wi-Fi toolbox package provides all the capabilities required to debug and
monitor WLAN/Bluetooth® Low Energy firmware with a host, perform RF validation tests,
run pretest for regulatory certification testing, and debug hardware and software platform
integration issues.
CC33xx device
drivers
The CC33XX are single-chip Wi-Fi 6 and Bluetooth Low Energy 5.4 companion devices
for both Linux- and RTOS-based systems. CC33XX-SOFTWARE is a collection of software
development sources aimed to facilitate quick setup, out-of-box experience, and accelerate
development in Linux or RTOS environments.
5.4 Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
Application Reports
CC33xx Production
Line Guide
Texas Instruments™ provides many resources to assist users in quickly examining the
functionality and performance of the TI devices. This document provides the necessary
information to guide the user in production line testing for CC33xx. The devices' functions
can be checked using tools and software provided by Texas Instruments. Performance
testing is more involved as external equipment is required for thorough examination.
SimpleLink CC33xx
Security Features
This document describes the CC33xx security related features, which are made available
to vendors through an ecosystem that incorporates simple and concise APIs, tools, and
documentation
SimpleLink CC33xx
Host Interfaces
This document describes the host interface between the host processor and CC33xx
companion IC and provide the system designeer with all the required technical
information for easy integration
User's Guides
CC33xx WLAN
Features User's Guide
This document provides information about CC330xMOD family of devices and Wi-Fi®
features, as well as TI proprietary enhancements. The document does not provide the
complete application programming interface (API) set, but a high-level overview of the
features.
CC33xx Hardware
Integration
This document describes how to integrate the CC330xMOD into any system and the
hardware requirements for this device. Layout and schematic considerations are listed
here as well, which TI highly recommends following in order to achieve the device
performance listed in this data sheet.
WFA QuickTrack
Control Application with
CC33xx User's Guide
This document provides information about utilizing the QuickTrack Control App to
certify CC33xx devices according to Wi-Fi® standards. The document provides a high-
level overview of the certification process.
5.5 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
CC330XMOD
SWRS342 – SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC330XMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com