Electronic Components Datasheet Search
  English  ▼

X  

CC330XMOD Datasheet(PDF) 1 Page - Texas Instruments

Part # CC330XMOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC330XMOD Datasheet(HTML) 1 Page - Texas Instruments

  CC330XMOD Datasheet HTML 1Page - Texas Instruments CC330XMOD Datasheet HTML 2Page - Texas Instruments CC330XMOD Datasheet HTML 3Page - Texas Instruments CC330XMOD Datasheet HTML 4Page - Texas Instruments CC330XMOD Datasheet HTML 5Page - Texas Instruments CC330XMOD Datasheet HTML 6Page - Texas Instruments CC330XMOD Datasheet HTML 7Page - Texas Instruments CC330XMOD Datasheet HTML 8Page - Texas Instruments CC330XMOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
1 Features
Key Features
• Wi-Fi 6 (802.11ax)
• Bluetooth®Low Energy 5.4 in CC33x1MOD
• Companion module to any processor or MCU host
capable of running a TCP/IP stack
• Integrated 2.4GHz PA for complete wireless
system with up to +18dBm output power
• Operating temperature: –40°C to +85°C
• Application throughput up to 50Mbps
• Regulatory Certification (in progress)
– FCC
– IC/ISED
– ETSI/CE
– TELEC
• QuickTrack Qualified
• Bluetooth Controller Subsystem Qualified
Extended Features
• Wi-Fi 6
– 2.4GHz, 20MHz, single spatial stream
– MAC, baseband, and RF transceiver with
support for IEEE 802.11 b/g/n/ax
– Target wake time (TWT), OFDMA, MU-MIMO
(downlink), Basic Service Set Coloring, and
trigger frame for improved efficiency
– Hardware-based encryption and decryption
supporting WPA2 and WPA3
– Excellent interoperability
– Support for 4-bit SDIO or SPI host interfaces
• Bluetooth Low Energy 5.4
– LE Coded PHYs (long range), LE 2M PHY
(high speed) and Advertising Extension
– Host controller interface (HCI) transport with
option for UART or shared SDIO
– Internal coexistence mechanism with Wi-Fi to
share same antenna
• Enhanced Security
– Secured host interface
– Firmware authentication
– Anti-rollback protection
• Multirole support (for example, concurrent STA and
AP) to connect with Wi-Fi devices on different RF
channels (Wi-Fi networks)
• Optional antenna diversity or selection
• 3-wire or 1-wire PTA for external coexistence with
additional 2.4GHz radios (for example, Thread or
Zigbee)
• Clock sources
– 40MHz XTAL fast clock (Integrated in the
module)
– Internal slow clock or external 32.768kHz slow
clock
• Small package size
– Easy to design with 65-pin, 11mm × 11mm LGA
package, 0.65mm pitch
2 Applications
• Grid infrastructure
– Electricity meter
– String inverter
– Microinverter
– Energy storage power conversion system
(PCS)
– EV charging infrastructure
• Building and home automation
– HVAC controller
– HVAC gateway
– Thermostat
– Building security gateway
– Garage door system
– IP network camera and video doorbell
– Wireless security camera
• Appliances
– Refrigerator and freezer
– Oven
– Washer and dryer
– Residential water heater and heating system
– Air purifier and humidifier
– Coffee machine
– Air conditioner indoor unit
– Vacuum robot
– Robotic lawn mower
• Medical
– Infusion pump
– Electronic hospital bed and bed control
– Multiparameter patient monitor
– Blood pressure monitor
– CPAP machine
– Telehealth systems
– Ultrasound scanner
– Ultrasound smart probe
– Electric toothbrush
• Retail Automation and Payment
• Printers
CC330XMOD
SWRS342 – SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - CC330XMOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC330XMOD TI2-CC330XMOD Datasheet
1Mb / 35P
CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
REVISED AUGUST 2025
More results

Similar Description - CC330XMOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801MOD TI1-WL1801MOD_16 Datasheet
1Mb / 46P
WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
logo
Nordic Semiconductor
NRF7002 NORDIC-NRF7002 Datasheet
283Kb / 1P
Low-power Wi-Fi 6 companion IC providing seamless connectivity and Wi-Fi-based locationing
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com