Electronic Components Datasheet Search
  English  ▼

X  

TSD12C Datasheet(PDF) 4 Page - Texas Instruments

Part # TSD12C
Description  TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD12C Datasheet(HTML) 4 Page - Texas Instruments

  TSD12C Datasheet HTML 1Page - Texas Instruments TSD12C Datasheet HTML 2Page - Texas Instruments TSD12C Datasheet HTML 3Page - Texas Instruments TSD12C Datasheet HTML 4Page - Texas Instruments TSD12C Datasheet HTML 5Page - Texas Instruments TSD12C Datasheet HTML 6Page - Texas Instruments TSD12C Datasheet HTML 7Page - Texas Instruments TSD12C Datasheet HTML 8Page - Texas Instruments TSD12C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
Parameter
DEVICE
MIN
MAX
UNIT
PPP
IEC 61000-4-5 (tp 8/20µs) Peak Pulse
Power at 25°C
TSD12C-Q1
390
W
TSD15C-Q1
TSD18C-Q1
TSD24C-Q1
TSD36C-Q1
400
W
IPP
IEC 61000-4-5 (tp 8/20µs) Peak Pulse
Current at 25°C
TSD12C-Q1
15
A
TSD15C-Q1
12
A
TSD18C-Q1
TSD24C-Q1
9
A
TSD36C-Q1
6.5
A
TA
Ambient Operating Temperature
-55
150
°C
Tstg
Storage Temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
5.2 ESD Ratings - AEC Specifications
Parameter
Test Conditions
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q101-001(1)
±2500
V
Charged device model (CDM), per AEC
Q101-005(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 ESD Ratings—IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
±30000
V
IEC 61000-4-2 air-gap discharge
±30000
TSD12C-Q1, TSD15C-Q1, TSD18C-Q1, TSD24C-Q1, TSD36C-Q1
SLVSHX0 – OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TSD12C-Q1 TSD15C-Q1 TSD18C-Q1 TSD24C-Q1 TSD36C-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com