Electronic Components Datasheet Search
  English  ▼

X  

TSD12C Datasheet(PDF) 3 Page - Texas Instruments

Part # TSD12C
Description  TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD12C Datasheet(HTML) 3 Page - Texas Instruments

  TSD12C Datasheet HTML 1Page - Texas Instruments TSD12C Datasheet HTML 2Page - Texas Instruments TSD12C Datasheet HTML 3Page - Texas Instruments TSD12C Datasheet HTML 4Page - Texas Instruments TSD12C Datasheet HTML 5Page - Texas Instruments TSD12C Datasheet HTML 6Page - Texas Instruments TSD12C Datasheet HTML 7Page - Texas Instruments TSD12C Datasheet HTML 8Page - Texas Instruments TSD12C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4 Pin Configuration and Functions
1
2
ID Area
Figure 4-1. DYF Package, 2-Pin SOD-323 (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
IO
I/O
Protected Channel. If used as IO, connect pin 2 to ground
2
IO
I/O
Protected Channel. If used as IO, connect pin 1 to ground
(1)
I = input, O = output
www.ti.com
TSD12C-Q1, TSD15C-Q1, TSD18C-Q1, TSD24C-Q1, TSD36C-Q1
SLVSHX0 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TSD12C-Q1 TSD15C-Q1 TSD18C-Q1 TSD24C-Q1 TSD36C-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com