Electronic Components Datasheet Search
  English  ▼

X  

TSD12C Datasheet(PDF) 1 Page - Texas Instruments

Part # TSD12C
Description  TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD12C Datasheet(HTML) 1 Page - Texas Instruments

  TSD12C Datasheet HTML 1Page - Texas Instruments TSD12C Datasheet HTML 2Page - Texas Instruments TSD12C Datasheet HTML 3Page - Texas Instruments TSD12C Datasheet HTML 4Page - Texas Instruments TSD12C Datasheet HTML 5Page - Texas Instruments TSD12C Datasheet HTML 6Page - Texas Instruments TSD12C Datasheet HTML 7Page - Texas Instruments TSD12C Datasheet HTML 8Page - Texas Instruments TSD12C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive
Applications
1 Features
• ISO 10605 (330pF, 330 Ohm) ESD protection:
– ±30kV contact discharge (±27kV for TSD36C-
Q1)
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6.5-15A (8/20 µs)
• Low IO capacitance < 7pF (typical)
• Ultra low leakage current: 10nA (maximum)
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)
2 Applications
• I/O Protection
• Power Line Protection
• USB VBUS
• Body Electronics & Lighting
• Hybrid, Electric, & Powertrain Systems
3 Description
The TSDxxC-Q1 are a family of bidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge in automotive
applications. The TSDxxC-Q1 devices are rated to
dissipate ESD strikes up to ±30kV (contact and air
gap discharge) which exceeds the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4).
Combining the robust clamping performance and
low capacitance of these devices, TSDxxC-Q1 are
excellent TVS diodes to protect both data lines and
power lines in many different applications.
The TSDxxC-Q1 family is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TSDxxC-Q1
DYF (SOD-323, 2)
2.65mm × 1.3mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
IO
GND
Functional Block Diagram
TSD12C-Q1, TSD15C-Q1, TSD18C-Q1, TSD24C-Q1, TSD36C-Q1
SLVSHX0 – OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TSD12C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSD12C TI-TSD12C Datasheet
952Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
OCTOBER 2024
TSD12C TI-TSD12C Datasheet
909Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD12C TI2-TSD12C Datasheet
921Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED OCTOBER 2024
TSD12C TI2-TSD12C Datasheet
877Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD12C-Q1 TI-TSD12C-Q1 Datasheet
952Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
OCTOBER 2024
More results

Similar Description - TSD12C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
SOD-323 PACKAGE
logo
Shanghai Semitech Semic...
GBLC03CI SEMITECH-GBLC03CI Datasheet
127Kb / 3P
Small SOD-323 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
logo
Foshan Blue Rocket Elec...
BAV19WS FOSHAN-BAV19WS Datasheet
1Mb / 6P
Silicon Diode in a SOD-323 Plastic Package
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05C TI1-TSD05C_V01 Datasheet
878Kb / 15P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com