Electronic Components Datasheet Search
  English  ▼

X  

CY2071AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2071AI
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2071AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2071AI Datasheet HTML 1Page - Cypress Semiconductor CY2071AI Datasheet HTML 2Page - Cypress Semiconductor CY2071AI Datasheet HTML 3Page - Cypress Semiconductor CY2071AI Datasheet HTML 4Page - Cypress Semiconductor CY2071AI Datasheet HTML 5Page - Cypress Semiconductor CY2071AI Datasheet HTML 6Page - Cypress Semiconductor CY2071AI Datasheet HTML 7Page - Cypress Semiconductor CY2071AI Datasheet HTML 8Page - Cypress Semiconductor CY2071AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Single-PLL General-Purpose
EPROM Programmable Clock Generator
CY2071A
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07139 Rev. *D
Revised August 3, 2006
Features
• Single phase-locked loop architecture
• EPROM programmability
• Factory-programmable (CY2071A, CY2071AI) or
field-programmable (CY2071AF, CY2071AFI) device
options
• Up to three configurable outputs
• Low skew, low jitter, high-accuracy outputs
• Internal loop filter
• Power management (OE)
• Frequency select options
• Configurable 5V or 3.3V operation
• 8-pin 150-mil SOIC package
Benefits
• Generates a custom frequency from an external source
• Easy customization and fast turnaround
• Programming support available for all opportunities
• Generates three related frequencies from a single device
• Meets critical industry standard timing requirements
• Alleviates the need for external components
• Supports low-power applications
• Three outputs with two user-selectable frequencies
• Supports industry standard design platforms
• Industry standard packaging saves on board space
Selector Guide
Part Number
Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY2071A
3
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–130 MHz (5V)
500 kHz–100 MHz (3.3V)
Factory Programmable
Commercial Temperature
CY2071AI
3
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–100 MHz (5V)
500 kHz–80 MHz (3.3V)
Factory Programmable
Industrial Temperature
CY2071AF
3
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–100 MHz (5V)
500 kHz–80 MHz (3.3V)
Field Programmable
Commercial Temperature
CY2071AFI
3
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–90 MHz (5V)
500 kHz–66.6 MHz (3.3V)
Field Programmable
Industrial Temperature
1
2
3
4
5
8
7
6
CLKA
GND
XTALIN
XTALOUT
VDD
OE/FS
CLKC
CLKB
XTALOUT
XTALIN
REFERENCE
OSCILLATOR
PLL
Block
CLKA
CLKB
CLKC
EPROM-
Configurable
Multiplexer
and Divide
Logic
OE / FS
Logic Block Diagram for CY2071A
Top View
8-pin SOIC
Pin Configuration
[+] Feedback
[+] Feedback


Similar Part No. - CY2071AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
CY2071AF CYPRESS-CY2071AF Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
CY2071AFI CYPRESS-CY2071AFI Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
CY2071ASC CYPRESS-CY2071ASC Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
CY2071ASI CYPRESS-CY2071ASI Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
More results

Similar Description - CY2071AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
Three-PLL General Purpose EPROM Programmable Clock Generator
June 14, 2000
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
Single-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com