Electronic Components Datasheet Search
  English  ▼

X  

CY2071AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2071AI
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2071AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2071AI Datasheet HTML 1Page - Cypress Semiconductor CY2071AI Datasheet HTML 2Page - Cypress Semiconductor CY2071AI Datasheet HTML 3Page - Cypress Semiconductor CY2071AI Datasheet HTML 4Page - Cypress Semiconductor CY2071AI Datasheet HTML 5Page - Cypress Semiconductor CY2071AI Datasheet HTML 6Page - Cypress Semiconductor CY2071AI Datasheet HTML 7Page - Cypress Semiconductor CY2071AI Datasheet HTML 8Page - Cypress Semiconductor CY2071AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY2071A
Document #: 38-07139 Rev. *D
Page 3 of 9
Notes:
5. Electrical parameters are guaranteed with these operating conditions. Values for 3.3V operation are shown in parentheses.
6. External input reference clock must have a duty cycle between 40% and 60%, measured at VDD/2.
7. Please refer to application note “Crystal Oscillator Topics” for information on AC-coupling the external input reference clock.
8. See “CY2071A and CY2907 Clock Generators” Application Note for important customer clarification.
9. Xtal inputs have CMOS thresholds.
10. Load = max, typical configuration, fREF = 14.318 MHz. Specific configurations may vary. A close approximation of IDD can be derived by the following formula:
IDD(mA) = VDD*(6.25+(0.055*FREF) + (0.0017*CLOAD*(FCLKA+FCLKB+FCLKC))). CLOAD is specified in pF and F is specified in MHz.
Operating Conditions[5]
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage, 5.0V Operation
4.5
5.5
V
VDD
Supply Voltage, 3.3V Operation
3.0
3.6
V
TA
Commercial Operating Temperature, Ambient
0
70
°C
Industrial Operating Temperature, Ambient
–40
85
°C
CL
Max. Load Capacitance per Output (5V Operation)
–
25
pF
Max. Load Capacitance per Output (3.3V Operation)
–
15
pF
fREF
External Reference Crystal
10.0
25.0
MHz
External Reference Clock[6, 7]
1.0
30.0
MHz
tPU
Power-up time for all VDDs to reach minimum specified voltage (power ramps
must be monotonic)
0.05
50
ms
Electrical Characteristics, Commercial 5.0V: VDD = 5V ±10%, TA = 0°C to +70°C
[8]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage
IOH = –4.0 mA
2.4
–
–
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
–
–
0.4
V
VIH
HIGH-Level Input Voltage[9]
Except Crystal Pins
2.0
–
–
V
VIL
LOW-Level Output Voltage[9]
Except Crystal Pins
–
–
0.8
V
IIH
Input HIGH Current
VIN = VDD – 0.5V
–
–
10
µA
IIL
Input LOW Current
VIN = 0.5V
–
–
150
µA
IOZ
Output Leakage Current
Three State Outputs
–
–
250
µA
IDD
VDD Supply Current
[10]
VDD = VDD max. 5V operation, CL = 25 pF
40
60
mA
Electrical Characteristics, Commercial 3.3V: VDD = 3.3V ±10%, TA = 0°C to 70°C
[8]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage
IOH = –4.0 mA
2.4
–
–
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
–
–
0.4
V
VIH
HIGH-Level Input Voltage[9]
Except Crystal Pins
2.0
–
–
V
VIL
LOW-Level Output Voltage[9]
Except Crystal Pins
–
–
0.8
V
IIH
Input HIGH Current
VIN = VDD – 0.5V
–
–
10
µA
IIL
Input LOW Current
VIN = 0.5V
–
–
150
µA
IOZ
Output Leakage Current
Three State Outputs
–
–
250
µA
IDD
VDD Supply Current
[10]
VDD = VDD max. 3.3V operation, CL = 15 pF
–
24
40
mA
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com