Electronic Components Datasheet Search
  English  ▼

X  

CY2071AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2071AI
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2071AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2071AI Datasheet HTML 1Page - Cypress Semiconductor CY2071AI Datasheet HTML 2Page - Cypress Semiconductor CY2071AI Datasheet HTML 3Page - Cypress Semiconductor CY2071AI Datasheet HTML 4Page - Cypress Semiconductor CY2071AI Datasheet HTML 5Page - Cypress Semiconductor CY2071AI Datasheet HTML 6Page - Cypress Semiconductor CY2071AI Datasheet HTML 7Page - Cypress Semiconductor CY2071AI Datasheet HTML 8Page - Cypress Semiconductor CY2071AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY2071A
Document #: 38-07139 Rev. *D
Page 2 of 9
Functional Description
The CY2071A is a general-purpose clock synthesizer
designed for use in applications such as modems, disk drives,
CD-ROM drives, video CD players, games, set-top boxes, and
data/telecommunications. The device offers up to three config-
urable clock outputs in an 8-pin, 150-mil SOIC package and
can operate off either a 3.3V or 5V power supply. The on-chip
reference oscillator is designed for 10 MHz to 25 MHz crystals.
Alternatively, an external reference clock of frequency
between 1 MHz and 30 MHz can be used.
The CY2071A has one PLL and outputs three factory-EPROM
configurable clocks: CLKA, CLKB, and CLKC. The output
clocks can originate either from the PLL or the reference, or
selected dividers thereof. Additionally, pin 8 can be configured
to be an Output Enable or a Select input.
The CY2071A can replace multiple Metal Can Oscillators
(MCO) in a synchronous system, providing cost and board
space savings to the manufacturer. Hence, these devices are
ideally suited for applications that require multiple, accurate,
and stable clocks synthesized from low-cost generators in
small packages. A hard-disk drive is an example of such an
application. In this case, CLKA drives the PLL in the Read
Controller, while CLKB and CLKC drive the MCU and
associated sequencers.
CyClocks Software
CyClocks
™ is an easy-to-use software application that allows
you to configure any one of the EPROM-Programmable
Clocks offered by Cypress. You may specify the input
frequency, PLL and output frequencies, and different
functional options. Note the output frequency ranges in this
data sheet when specifying them in CyClocks to ensure that
you stay within the limits. You can download a copy of
CyClocks free on the Cypress Semiconductor Corporation
web site at www.cypress.com.
Use the CY2081 for applications that require unrelated output
frequencies. Use the CY2291, CY2292, or CY2907 for appli-
cations that require more than three output clocks.
Cypress FTG Programmer
The Cypress Frequency Timing Generator (FTG) Programmer
is a portable programmer designed to custom program our
family of EPROM Field Programmable Clock Devices. The
FTG programmers connect to a PC serial port and allow users
of CyClocks software to easily program any of the CY2291F,
CY2292F, CY2071AF, and CY2907F devices. The ordering
code for the Cypress FTG Programmer is CY3670.
Notes
1. For best accuracy, use a parallel-resonant crystal, CL = 17 pF.
2. Float XTALOUT pin if XTALIN is driven by reference clock (as opposed to an external crystal).
3. Stresses greater than those listed in this table may cause permanent damage to the device.
4. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
Pin Summary
Name
Number
Description
CLKA
1
Configurable Clock Output
GND
2
Ground
XTALIN[1]
3
Reference Crystal Input or External Reference Clock Input
XTALOUT[1, 2]
4
Reference Crystal Feedback
CLKB
5
Configurable Clock Output
CLKC
6
Configurable Clock Output
VDD
7
Voltage Supply
OE / FS
8
Output Control Pin, either Output Enable or Frequency Select Input
(Active HIGH, internal pull-up resistor to VDD)
Absolute Maximum Conditions[3, 4]
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Analog Supply Voltage
–0.5
7.0
V
VIN
DC Input Voltage
–0.5
VDD + 0.5 VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Temperature, Maximum Soldering (10 sec)
Functional
–
260
°C
TJ
Temperature, Junction
Functional
–
150
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
–
V
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com