Electronic Components Datasheet Search
  English  ▼

X  

LA6502 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA6502
Description  Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6502 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA6502 Datasheet HTML 3Page - Sanyo Semicon Device LA6502 Datasheet HTML 4Page - Sanyo Semicon Device LA6502 Datasheet HTML 5Page - Sanyo Semicon Device LA6502 Datasheet HTML 6Page - Sanyo Semicon Device LA6502 Datasheet HTML 7Page - Sanyo Semicon Device LA6502 Datasheet HTML 8Page - Sanyo Semicon Device LA6502 Datasheet HTML 9Page - Sanyo Semicon Device LA6502 Datasheet HTML 10Page - Sanyo Semicon Device LA6502 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LA6502
No.7816-9/11
Continued from preceding page.
Pin No.
Pin name
Function
Pin voltage
Equivalent circuit
36
AMPIN+
OP-AMP non-inverted input pin.
35
AMPIN-
OP-AMP inverted input pin.
0V to 5V
34
AMPOUT
OP-AMP output pin.
19
SPUOUT
18
SPVOUT
17
SPWOUT
Spindle motor driver output pin.
21
SPRF
Spindle motor driver output transistor
power pin
Detects this voltage for constant current
control
/The current limiter also detects this
potential and is activated.
24
MCOM
Spindle motor coil mid-point input pin
Detects the coil voltage waveform with
reference to this voltage.
39
SPC1
40
SPC2
Spindle triangular wave generating
capacitor connection pin
With this triangular wave, the coil output
waveform is soft switched.
Continued on next page.
300
Ω
300
Ω
36
35
VCC1
5V
34
19
VCC1
17
21
18
VCC1
17 18 19
24
17 18 19
200
Ω
200
Ω
200
Ω
1 / 2 VCC-- VF
1k
Ω
VCC1
5V
40
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com