Electronic Components Datasheet Search
  English  ▼

X  

LA6502 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA6502
Description  Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6502 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6502 Datasheet HTML 1Page - Sanyo Semicon Device LA6502 Datasheet HTML 2Page - Sanyo Semicon Device LA6502 Datasheet HTML 3Page - Sanyo Semicon Device LA6502 Datasheet HTML 4Page - Sanyo Semicon Device LA6502 Datasheet HTML 5Page - Sanyo Semicon Device LA6502 Datasheet HTML 6Page - Sanyo Semicon Device LA6502 Datasheet HTML 7Page - Sanyo Semicon Device LA6502 Datasheet HTML 8Page - Sanyo Semicon Device LA6502 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LA6502
No.7816-3/11
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Focusing and tracking drivers (AMP1, 2)
Output saturation voltage
VOSAT_1
IO = 0.6A, Source+Sink
1.8
2.2
V
Input voltage range
VIN_1
0
5
V
CTL pin input current
IIN_1
VIN = VREF = 1.65V
-0.5
-0.1
μA
Control gain
GVCO_1
11.6
12.7
13.8
dB
Output offset voltage
VOOFF_1
Note)
-50
0
50
mV
Loading driver (AMP4)
Output saturation voltage
VOSAT_4
IO = 0.2A, Source+Sink
1.3
1.6
V
Input voltage range
VIN_4
0
5
V
CTL pin input current
IIN_4
VIN = VREF = 1.65V
-0.5
-0.2
μA
Control gain
GVCO_4
17.8
18.7
19.6
dB
Output offset voltage
VOOFF_4
Note)
-50
0
50
mV
OP-AMP
Output L voltage
VOL_5
IO = 1mA, Sink
0.2
0.4
V
Input voltage range
VIN_5
0
5
V
Input offset voltage
VIOFF_5
-5
0
5
mV
Note) The pre-OPAMP in the previous stage is used as buffer.
MUTE function
Mode
MUTE1 : H
SPINDLE : ON
MUTE2 : H
FOCUS, TRACKING, SLED : ON
MUTE3 : H
LOADENG : ON
Package Dimensions
unit : mm (typ)
3278
SANYO : HSSOP48(375mil)
17.8
0.2
0.2
(6.2)
(0.45)
0.65
1.3
1.5
124
48
25
Pd max -- Ta
Ambient temperature, Ta – °C
-20
0
100
0
2.5
2.0
20
40
60
80
1.5
1.0
0.5
0.8
1.7
0.48
1.02
Specified board : 114.3
×76.1×1.6mm3
glass epoxy
When mounted on a board
Independent IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com