Electronic Components Datasheet Search
  English  ▼

X  

LA6502 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6502
Description  Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6502 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6502 Datasheet HTML 1Page - Sanyo Semicon Device LA6502 Datasheet HTML 2Page - Sanyo Semicon Device LA6502 Datasheet HTML 3Page - Sanyo Semicon Device LA6502 Datasheet HTML 4Page - Sanyo Semicon Device LA6502 Datasheet HTML 5Page - Sanyo Semicon Device LA6502 Datasheet HTML 6Page - Sanyo Semicon Device LA6502 Datasheet HTML 7Page - Sanyo Semicon Device LA6502 Datasheet HTML 8Page - Sanyo Semicon Device LA6502 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
60607 MS PC B8-7414 No.7816-1/11
LA6502
Overview
This LA6502 is a 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch.
Features
• Spindle driver block
1) 3-phase sensor-less motor driver
2) Soft switching drive
3) Analog input V type control
4) Current limiter incorporated
5) Counter electromotive FG output
6) Reverse prevention circuit incorporated
• Threading, focusing, tracking, and loading blocks
1) BTL-AMP type
• Common block
1) Thermal shutdown circuit incorporated (design guarantee)
2) MUTE function incorporated (pin 3)
3) OP-AMP (1ch) incorporated (open collector output)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor Supply Voltage 1
VCC1
SPINDLE, SLED, LOADING power supply
14.5
V
Motor Supply Voltage 2
VCC2
FOCUS, TRACKING power supply
14.5
V
Pd max1
Independent IC
0.8
W
Allowable power dissipation
Pd max2
Mounted on a specified board. *
1.7
W
* Mounted on a board : 114.3
×76.1×1.6mm
3, glass epoxy board.
Continued on next page.
Monolithic Linear IC
5ch driver for CD and DVD Spindle driver :
3-phase linear sensor-less drive BTL 4ch
Ordering number : EN7816B


Similar Part No. - LA6502

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500 Datasheet
31Kb / 3P
Power Operational Amplifier
LA6500 SANYO-LA6500 Datasheet
85Kb / 4P
Power Operational Amplifier
logo
ON Semiconductor
LA6500 ONSEMI-LA6500 Datasheet
69Kb / 4P
Power Operational Amplifier
June, 2013
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500_08 Datasheet
85Kb / 4P
Power Operational Amplifier
LA6501 SANYO-LA6501 Datasheet
51Kb / 3P
Power Operational Amplifier
More results

Similar Description - LA6502

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
4Ch. Linear Driver IC for CD/CD-ROM
AN8816SB PANASONIC-AN8816SB Datasheet
73Kb / 8P
4ch. Linear Driver IC for CD/CD-ROM
AN8819NFB PANASONIC-AN8819NFB Datasheet
116Kb / 11P
4Ch. Linear Driver IC DC-DC Converter Control for CD
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
KEC(Korea Electronics)
KIA6831HF KEC-KIA6831HF Datasheet
165Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4CH BTL DRIVER FOR CD PLAYERS)
KIA6833HF KEC-KIA6833HF Datasheet
247Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT(3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM/DVD)
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
4CH Bridge (BTL) Driver for CD
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com