Electronic Components Datasheet Search
  English  ▼

X  

PM73487-PI Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM73487-PI
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487-PI Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM73487-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 24Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
9
1.6
5 Gbps to 160 Gbps Application Example – LAN-to-WAN
A powerful application of the QRT and the QSE devices is the creation of modules that can be
used in a range of switches with only the interconnection changing between different sizes. ATM
switches from 5 Gbps to 160 Gbps can be realized with only two unique cards. A port card has
one QRT, and a switch card has two QSEs. The switch fabric consists of three stages, each with
32 QSEs (or 16 switch cards). To plan for future scalability, the middle stage must be built-in
upfront. This is a one-time cost. Then, in order to scale in 5 Gbps increments, one switch card and
its accompanying eight port cards should be added. Finer bandwidth scaling is possible by popu-
lating the additional switch card with port cards as needed (in increments of 622 Mbps). With this
switch fabric topology, scaling is possible up to 160 Gbps. Once the initial middle stage cost has
been incurred, the per-port cost for 5 Gbps through 160 Gbps systems remains almost constant
Figure 9. 5 Gbps to 160 Gbps Switches Modeled Using Only Two Cards
QRT
(PM73487
Port Card - One QRT
One UTOPIA
Level 2 Interface
Switch Card - Two QSEs
QSE
(PM73488
QSE
(PM73488
x32
x32
x32
x32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com