Electronic Components Datasheet Search
  English  ▼

X  

PM73487-PI Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM73487-PI
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487-PI Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM73487-PI Datasheet HTML 63Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 64Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 65Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 66Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 67Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 68Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 69Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
55
4
PIN DESCRIPTIONS
4.1
Package Diagram
Figure 49 (parts 1 and 2) shows the 503-pin Enhanced Plastic Ball Grid Array (EPBGA) package
used for the QRT. The package measurements are shown in millimeters.
Figure 49. 503-Pin EPBGA Top and Side Views (Part 1 of 2)
40.00 ± 0.20
Measurements are
shown in millimeters.
Not drawn to scale.
PM73487-PI
NOTES:
1.
“L_______B” is the wafer batch code.
2.
“Lyyww” is the assembly date code.
3.
Dimensions are for reference.
4.
Controlling dimension: millimeter.
5.
// = Parallelism tolerance.
6.
If you need a measurement not shown in this figure, contact PMC-Sierra.
L2A0961
L_______B
26.00 MAX.
Lyyww
QRT
0.86 ±0.15
0.60 ±0.10
2.98 Max.
1.14 ±0.125
PMC-Sierra, Inc.
PMC-Sierra, Inc.
PMC-Sierra, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com