Electronic Components Datasheet Search
  English  ▼

X  

PM73487-PI Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM73487-PI
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487-PI Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM73487-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM73487-PI Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
27
2.5.2
Receive VC (Channel) Queuing
Receive cells are enqueued on a per-VC (channel) basis. This means that there are up to 16K
queues. Singly-linked lists are used to queue the cells. The head pointers, the tail pointers, and the
linked lists are all in external RAM.
Figure 27, Figure 28, and Figure 29 show the operation of the channel linked list structure.
Figure 27. Channel Linked List
Figure 28. Channel Linked List – a New Cell Arrives
Figure 29. Channel Linked List – a Cell Is Sent to the Fabric
Per-VC Linked List
Channel
Head
Tail
Link
Link
Link
Per-VC Linked List
Channel
Head
Tail
Link
Link
Link
Link
Per-VC Linked List
Channel
Head
Tail
Link
Link
Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com