Electronic Components Datasheet Search
  English  ▼

X  

AM69A Datasheet(PDF) 76 Page - Texas Instruments

Part # AM69A
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69A Datasheet(HTML) 76 Page - Texas Instruments

Back Button AM69A Datasheet HTML 72Page - Texas Instruments AM69A Datasheet HTML 73Page - Texas Instruments AM69A Datasheet HTML 74Page - Texas Instruments AM69A Datasheet HTML 75Page - Texas Instruments AM69A Datasheet HTML 76Page - Texas Instruments AM69A Datasheet HTML 77Page - Texas Instruments AM69A Datasheet HTML 78Page - Texas Instruments AM69A Datasheet HTML 79Page - Texas Instruments AM69A Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AN17
AH20
USB0_ID
USB0_ID
A
3.3 V
VDDA_0P8_
USB /
VDDA_1P8_
USB /
VDDA_3P3_
USB
USB2PHY
AN18
AH22
USB0_RCALIB
USB0_RCALIB
A
3.3 V
VDDA_0P8_
USB /
VDDA_1P8_
USB /
VDDA_3P3_
USB
USB2PHY
AN15
AG19
USB0_VBUS
USB0_VBUS
A
5.0 V
VDDA_0P8_
USB /
VDDA_1P8_
USB /
VDDA_3P3_
USB
DDR
AB27,
AC24,
AF15,
AF18,
AF21,
AG11,
AG28, T25
AA22,
AD13,
AD16,
AD19,
AE26, AE9,
P23, Y25
VDDAR_CORE
VDDAR_CORE
PWR
AB13,
AC16,
AC18,
AC20,
AE12, M21,
N23, T15,
U20, W14,
W21, Y11,
Y19
AA14,
AA16,
AA18,
AC10, K19,
L21, P13,
R18, U12,
U19, V17,
V9, Y11
VDDAR_CPU
VDDAR_CPU
PWR
M27, N24
K25, L22
VDDAR_MCU
VDDAR_MCU
PWR
AJ24
AG22
VDDA_0P8_DSITX
VDDA_0P8_DSITX
PWR
AJ25
AG23
VDDA_0P8_DSITX_C
VDDA_0P8_DSITX_C
PWR
AH11
AF9
VDDA_0P8_UFS
VDDA_0P8_UFS
PWR
AK20
AG17
VDDA_0P8_USB
VDDA_0P8_USB
PWR
AJ28
AG26
VDDA_0P8_CSIRX2
VDDA_0P8_CSIRX2
PWR
AJ26, AK26
AG24
VDDA_0P8_CSIRX0_1
VDDA_0P8_CSIRX0_1
PWR
AE9
AD7
VDDA_0P8_DLL_MMC0
VDDA_0P8_DLL_MMC0
PWR
U11
P8
VDDA_0P8_PLL_DDR0
VDDA_0P8_PLL_DDR0
PWR
M14
J11
VDDA_0P8_PLL_DDR1
VDDA_0P8_PLL_DDR1
PWR
N11
VDDA_0P8_PLL_DDR2
VDDA_0P8_PLL_DDR2
PWR
M18
VDDA_0P8_PLL_DDR3
VDDA_0P8_PLL_DDR3
PWR
AJ20, AJ21
VDDA_0P8_SERDES2
VDDA_0P8_SERDES2
PWR
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
76
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com