Electronic Components Datasheet Search
  English  ▼

X  

AM69A Datasheet(PDF) 2 Page - Texas Instruments

Part # AM69A
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69A Datasheet(HTML) 2 Page - Texas Instruments

  AM69A Datasheet HTML 1Page - Texas Instruments AM69A Datasheet HTML 2Page - Texas Instruments AM69A Datasheet HTML 3Page - Texas Instruments AM69A Datasheet HTML 4Page - Texas Instruments AM69A Datasheet HTML 5Page - Texas Instruments AM69A Datasheet HTML 6Page - Texas Instruments AM69A Datasheet HTML 7Page - Texas Instruments AM69A Datasheet HTML 8Page - Texas Instruments AM69A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 312 page
background image
• Up to 4x2-L/2x4L PCI-Express® (PCIe) Gen3
controllers
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
Ethernet
• Two RGMII/RMII interfaces
Automotive interfaces:
• Twenty Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Audio interfaces:
• Five Multichannel Audio Serial Port (MCASP)
modules
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• One Secure Digital® 3.0 / Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0
• Universal Flash Storage (UFS 2.1) interface with
two lanes
• Two independent flash interfaces configured as
– One OSPI or HyperBus™ or QSPI flash
interfaces, and
– One QSPI flash interface
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 31mm × 31mm, 0.8-mm pitch, 1414-pin FCBGA
(ALY), enables IPC class 3 PCB routing
• 27mm × 27mm, 0.8-mm pitch, 1063-pin FCBGA
(AND), enables IPC class 3 PCB routing
TPS6594-Q1 Companion Power Management ICs
(PMIC):
• Functional Safety support up to ASIL-D
• Flexible mapping to support different use cases
2 Applications
• Industrial:
• Machine Vision Camera and computers
• Smart shopping cart
• Retail automation
• Smart agriculture
• Video surveillance
• Traffic monitoring
• Autonomous Mobile Robots (AMR)
• Drone
• Industrial transport
• Industrial Human Machine Interfaces (HMI)
• Industrial PC
• Single board computers
• Patient monitoring and medical devices
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com