Electronic Components Datasheet Search
  English  ▼

X  

AM69A Datasheet(PDF) 8 Page - Texas Instruments

Part # AM69A
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69A Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM69A Datasheet HTML 4Page - Texas Instruments AM69A Datasheet HTML 5Page - Texas Instruments AM69A Datasheet HTML 6Page - Texas Instruments AM69A Datasheet HTML 7Page - Texas Instruments AM69A Datasheet HTML 8Page - Texas Instruments AM69A Datasheet HTML 9Page - Texas Instruments AM69A Datasheet HTML 10Page - Texas Instruments AM69A Datasheet HTML 11Page - Texas Instruments AM69A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 312 page
background image
If QSGMII is used on any SGMII Port 5 thru 8, then SGMII5/6/7/8 cannot be used for Ethernet functionality since all 4 internal CPSW
ports map to the selected QSGMII SERDES port.
AM69A94 (27mm)/AM6954 (27mm) CPSW supports up to 4 ports. To maximize pin muxing flexibility, the system designer can choose
based on any available PORTS, but must limit the total number of ports used to four or fewer.
(8)
Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1.
(9)
J784S4 is the base part number for the superset device. Software should constrain the features used to match the intended production
device.
(10) OSPI1 module only pins out 4 pins and is referred to as QSPI in some contexts.
(11) MCU_R5FSS0 includes Dual-Core R5F that provides Device Management functionality, and is reserved for executing TI provided
code.
R5FSS1 is a Dual-Core R5F that provides Multimedia Control functionality, and is reserved for executing TI provided code.
(12) The Deep Learning Accelerator C7x + MMA are reserved for executing TI provided code, and are not available for custom code.
(13) AM69A94 (27mm)/AM6954 (27mm) PCIe supports 1x4L or 2x2L options. To maximize pin muxing flexibility, the system designer can
choose any available PCIe instances or available PORTS, but must limit to a maximum of 1x4L or 2x2L.
(14) The A72SS Quad Core variant provides a single quad core cluster, namely A72SS0_CORE[3:0].
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com