Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4094DYYR Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74HC4094DYYR
Description  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094DYYR Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC4094DYYR Datasheet HTML 1Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 2Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 3Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 4Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 5Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 6Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 7Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 8Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
4 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
Q
4
Q
6
Q
7
V
CC
15
16
DATA
CP
Q
0
Q
1
Q
2
Q
3
OE
QS
1
QS
2
Q
5
STROBE
J, N, D, NS, or PW package
16-Pin CDIP, PDIP, SOIC, SO, or TSSOP
Top View
www.ti.com
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54HC4094 CD74HC4094 CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com