Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4094DYYR Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC4094DYYR
Description  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094DYYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4094DYYR Datasheet HTML 3Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 4Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 5Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 6Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 7Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 8Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 9Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 10Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
5.6 Switching Characteristics
Input tr, tf = 6 ns. Unless otherwise specified, CL = 50pF Parameter Measurement Information
PARAMETER
VCC (V)
25°C
–40 to 85°C
–55 to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tpd
Propagation delay time
CP to QS1
2
150
190
225
ns
4.5
12(3)
30
38
45
6
26
33
38
tpd
CP to QS2
2
135
170
205
ns
4.5
11(3)
27
34
41
6
23
29
35
tpd
CP to Qn
2
195
245
295
ns
4.5
16(3)
39
49
59
6
33
42
50
tt
STR to Qn
2
180
225
270
ns
4.5
36
45
54
6
31
38
46
tPZH,
tPZL
Output enable to Qn
2
175
220
265
ns
4.5
35
44
53
6
30
37
45
tPHZ,
tPLZ
Output disable to Qn
2
125
155
190
ns
4.5
25
31
38
6
21
26
32
tTLH,
tTHL
Output transition time
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
tPHZ,
tPLZ
Output disabling time
5
10(3)
ns
ƒMAX
Maximum CP frequency
5
60(3)
MHz
CIN
Input capacitance
10
10
10
pF
CPD
Power dissipation capacitance(1),
(2)
5
90(3)
pF
CO
Tri-state output capacitance
15
15
15
pF
HCT TYPES
tPLH,
tPHL
Propagation delay time
CP to QS1
4.5
16(3)
39
ns
CP to QS2
4.5
15(3)
36
ns
CP to Qn
4.5
18(3)
43
ns
STR to Qn
4.5
39
ns
tPZH,
tPZL
Output enable to Qn
4.5
35
ns
tPHZ,
tPLZ
Output disable to Qn
4.5
35
ns
tTLH,
tTHL
Output transition time
4.5
15
ns
tPHZ,
tPLZ
Output disabling time
5
14(3)
ns
ƒMAX
Maximum CP frequency
5
60(3)
MHz
CIN
Input capacitance
10
10
10
pF
www.ti.com
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC4094 CD74HC4094 CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com