Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4094DYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC4094DYYR
Description  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094DYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4094DYYR Datasheet HTML 2Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 3Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 4Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 5Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 6Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 7Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 8Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 9Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
5.5 Prerequisite for Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VCC (V)
25°C
–40 to 85°C
–55 to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
tW
CP pulse duration
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tWH
STR pulse duration
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tSU
Data set-up time
2
50
65
75
ns
4.5
10
13
15
6
9
11
13
tH
Data hold time
2
3
3
3
ns
4.5
3
3
3
6
3
3
3
tSU
STR set-up time
2
100
125
150
ns
4.5
20
25
30
6
17
21
26
tH
STR hold time
2
0
0
0
ns
4.5
0
0
0
6
0
0
0
ƒCL (MAX) Maximum CP frequency
2
6
5
4
MHz
4.5
30
24
20
6
35
28
24
HCT TYPES
tW
CP pulse duration
4.5
16
20
24
ns
tWH
STR pulse duration
4.5
16
20
24
ns
tSU
Data set-up time
4.5
10
13
15
ns
tH
Data hold time
4.5
4
4
4
ns
tSU
STR set-up time
4.5
20
25
30
ns
tH
STR hold time
4.5
0
0
0
ns
ƒCL (MAX) Maximum CP frequency
4.5
30
24
20
MHz
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4094 CD74HC4094 CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com