Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 57 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 57 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 53Page - Texas Instruments LMK6P Datasheet HTML 54Page - Texas Instruments LMK6P Datasheet HTML 55Page - Texas Instruments LMK6P Datasheet HTML 56Page - Texas Instruments LMK6P Datasheet HTML 57Page - Texas Instruments LMK6P Datasheet HTML 58Page - Texas Instruments LMK6P Datasheet HTML 59Page - Texas Instruments LMK6P Datasheet HTML 60Page - Texas Instruments LMK6P Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.1
1.9
2.6
2.4
1.0
0.8
0.05
0.00
2X 1.9
4X 0.95
6X
0.75
0.65
6X
0.45
0.35
(0.1) TYP
VSON - 1 mm max height
DLF0006B
PLASTIC SMALL OUTLINE - NO LEAD
4229693/B 12/2023
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.15)
SYMM
SYMM
1
3
4
6
0.1
C A B
0.05
C
SCALE 5.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com