Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 1 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 1 Page - Texas Instruments

  LMK6P Datasheet HTML 1Page - Texas Instruments LMK6P Datasheet HTML 2Page - Texas Instruments LMK6P Datasheet HTML 3Page - Texas Instruments LMK6P Datasheet HTML 4Page - Texas Instruments LMK6P Datasheet HTML 5Page - Texas Instruments LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
LMK6x Low Jitter, High-Performance BAW Oscillator
1 Features
• High-performance differential and single-ended
output Oscillator, supporting any fixed frequency
within the below range:
– LMK6D: 1MHz to 400MHz, LVDS output
– LMK6H: 1MHz to 400MHz, HCSL output
– LMK6P: 1MHz to 400MHz, LVPECL output
– LMK6C: 1MHz to 200MHz, LVCMOS output
• Ultra-low jitter:
– LMK6D/LMK6H/LMK6P: 100fs typical / 125fs
maximum RMS jitter at 156.25MHz (12kHz to
20MHz)
– LMK6C: 350fs typical / 500fs maximum RMS
jitter at 100MHz (12kHz to 20MHz)
– LMK6H: PCIe Gen 1 to Gen 6 compliant
• ±25ppm total frequency stability inclusive of 10
years aging and all other factors
• Smallest industry standard DLE and DLF
packages
• Support extended industrial temperature grade:
– LMK6P/LMK6D/LMK6H: –40°C to 85°C
– LMK6C: –40°C to 105°C
• Integrated LDO for robust supply noise immunity:
– –72dBc PSRR at 500kHz ripple
• Start-up time: < 5ms
• Standard frequencies:
– LVCMOS (MHz): 1, 2.04, 4, 8.192, 10, 12,
12.288, 16, 19.2, 20, 23.5, 24, 24.57, 25, 25.6,
26, 26.21, 27, 28.12, 32.768, 33.333, 40, 48,
49.15, 50, 54, 60, 65.53, 66, 74.25, 76.8, 80,
100, 108, 125, 133.330 and 156.25
– Differential (MHz): 25, 26, 32.5, 50, 51.84,
54, 65, 76.8, 80, 100, 108, 122.88, 125,
133.330, 148.35, 148.5, 150, 155.52, 156.25,
161.1328125, 200, 312.5, and 400
• Device can support any frequency between 1MHz
to 400MHz. Contact TI representative for any
frequency and samples needed
2 Applications
• 56G/112G PAM4 clocking
• 100G/200G/400G/800G Optical Transport Network
and Coherent Optics
• Network equipment, switches, routers, line cards,
SAN, data centers and baseband units (BBU)
• PCIe Gen 1 to Gen 6 compliant reference clock
• Industrial applications
• Test and measurement
• ASIC, FPGA, MCU reference clocking
• High-performance crystal oscillator replacement
3 Description
Texas Instruments' Bulk-Acoustic Wave (BAW) is a
micro-resonator technology that enables integration of
high-precision BAW resonator directly into packages
with ultra-low jitter clock circuitry. BAW is fully
designed and manufactured at TI factories like other
silicon-based fabrication processes.
The LMK6x device is an ultra-low jitter, fixed-
frequency oscillator which incorporates the BAW
as the resonator source. The device is factory-
programmed per specific operation mode, including
frequency, voltage, output type, and function pin. With
a high-performance fractional frequency divider, the
LMK6x is capable of producing any frequency within
the specified range providing a single device family for
all frequency needs.
The high-performance clocking, mechanical stability,
flexibility, and small package options for this device
are designed for reference and core clocks in high-
speed SERDES used in telecommunications, data
and enterprise network, and industrial applications.
Package Information
PART
NUMBER
OUTPUT
TYPE
PACKAGE(1)
PACKAGE SIZE(2)
LMK6C
LVCMOS
VSON (DLE-4)
3.2mm × 2.5mm
LMK6C
VSON (DLF-4)
2.5mm × 2mm
LMK6D
LMK6H
LMK6P
LVDS,
HCSL,
LVPECL
VSON (DLE-6)
3.2mm × 2.5mm
LMK6D
LMK6H
LMK6P
VSON (DLF-6)
2.5mm × 2mm
(1)
For all available packages, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
BAW
VDD
CLK
Fractional
Output
Divider
OE / ST / NC
GND
Power
Conditioning
Output
driver
Temp
Sensor
Frequency Control
Logic
Output/Chip
Control Logic
LMK6C Simplified Block Diagram
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMK6P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK6P TI-LMK6P Datasheet
3Mb / 42P
LMK6x High-Performance BAW Oscillator
APRIL 2022
LMK6P TI-LMK6P Datasheet
3Mb / 45P
LMK6x High-Performance BAW Oscillator
REVISED JULY 2022
LMK6P TI-LMK6P Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6P TI-LMK6P Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6P TI-LMK6P Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results

Similar Description - LMK6P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK6P TI-LMK6P Datasheet
3Mb / 42P
LMK6x High-Performance BAW Oscillator
APRIL 2022
LMK6C TI-LMK6C_V01 Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6C TI-LMK6C_V02 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V03 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V04 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V05 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V06 Datasheet
3Mb / 62P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V07 Datasheet
5Mb / 65P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V08 Datasheet
5Mb / 71P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V09 Datasheet
5Mb / 70P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com