Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 31 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 27Page - Texas Instruments LMK6P Datasheet HTML 28Page - Texas Instruments LMK6P Datasheet HTML 29Page - Texas Instruments LMK6P Datasheet HTML 30Page - Texas Instruments LMK6P Datasheet HTML 31Page - Texas Instruments LMK6P Datasheet HTML 32Page - Texas Instruments LMK6P Datasheet HTML 33Page - Texas Instruments LMK6P Datasheet HTML 34Page - Texas Instruments LMK6P Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
9.4 Layout
9.4.1 Layout Guidelines
The following sections provide recommendations for board layout, solder reflow profile and power-supply
bypassing when using the LMK6x to provide good thermal and electrical performance and signal integrity of
the entire system.
9.4.1.1 Providing Thermal Reliability
The LMK6x is a high-performance device. Therefore, pay careful attention to device configuration and printed
circuit board (PCB) layout with respect to power consumption. The ground pin must be connected to the ground
plane of the PCB through three vias or more to maximize thermal dissipation out of the package.
Equation 1 describes the relationship between the PCB temperature around the LMK6x and the junction
temperature.
TB = TJ – ΨJB × P
(1)
where
• TB: PCB temperature around the LMK6x
• TJ: Junction temperature of LMK6x
• ΨJB: Junction-to-board thermal resistance parameter of LMK6x (refer to the Thermal Information tables in the
Specifications section for this information)
• P: On-chip power dissipation of LMK6x
9.4.1.2 Recommended Solder Reflow Profile
TI recommends following the recommendations provided by the solder paste supplier to optimize flux activity
and to achieve proper melting temperatures of the alloy within the guidelines of J-STD-20. Processing the
LMK6x with the lowest peak temperature possible is preferable while also remaining below the components
peak temperature rating as listed on the MSL label. The exact temperature profile depends on several factors
including maximum peak temperature for the component as rated on the MSL label, Board thickness, PCB
material type, PCB geometries, component locations, sizes, densities within PCB, as well solder manufactures
recommended profile, and capability of the reflow equipment to as confirmed by the SMT assembly operation.
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com