Electronic Components Datasheet Search
  English  ▼

X  

SN74HC166DB Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC166DB
Description  SNx4HC166 8-Bit Parallel-Load Shift Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC166DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC166DB Datasheet HTML 3Page - Texas Instruments SN74HC166DB Datasheet HTML 4Page - Texas Instruments SN74HC166DB Datasheet HTML 5Page - Texas Instruments SN74HC166DB Datasheet HTML 6Page - Texas Instruments SN74HC166DB Datasheet HTML 7Page - Texas Instruments SN74HC166DB Datasheet HTML 8Page - Texas Instruments SN74HC166DB Datasheet HTML 9Page - Texas Instruments SN74HC166DB Datasheet HTML 10Page - Texas Instruments SN74HC166DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Figure 5-1. Typical Clear, Shift, Load, Inhibit, and Shift Sequence
5.6 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC (V)
TA = 25°C
SN54HC166
SN74HC166
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
2
6
11
4.2
5
MHz
4.5
31
36
21
25
6
36
45
25
29
tPHL
CLR
QH
2
62
120
180
150
ns
4.5
18
24
36
30
6
13
20
31
26
tpd
CLK
QH
2
75
150
225
190
ns
4.5
15
30
45
38
6
13
26
38
32
tt
Any
2
38
75
110
95
ns
4.5
8
15
22
19
6
6
13
19
16
5.7 Operating Characteristics
TA = 25℃
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF
www.ti.com
SN54HC166, SN74HC166
SCLS117E – DECEMBER 1982 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54HC166 SN74HC166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com