Electronic Components Datasheet Search
  English  ▼

X  

SN74HC166DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC166DB
Description  SNx4HC166 8-Bit Parallel-Load Shift Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC166DB Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC166DB Datasheet HTML 1Page - Texas Instruments SN74HC166DB Datasheet HTML 2Page - Texas Instruments SN74HC166DB Datasheet HTML 3Page - Texas Instruments SN74HC166DB Datasheet HTML 4Page - Texas Instruments SN74HC166DB Datasheet HTML 5Page - Texas Instruments SN74HC166DB Datasheet HTML 6Page - Texas Instruments SN74HC166DB Datasheet HTML 7Page - Texas Instruments SN74HC166DB Datasheet HTML 8Page - Texas Instruments SN74HC166DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
SNx4HC166 8-Bit Parallel-Load Shift Registers
1 Features
• Wide operating voltage range of 2 V to 6 V
• Outputs can drive up to 10 LSTTL loads
• Low power consumption, 80-μA max ICC
• Typical tpd = 13 ns
• ±4-mA output drive at 5 V
• Low input current of 1 μA max
• Synchronous load
• Direct overriding clear
• Parallel-to-serial conversion
2 Description
The SNx4HC166 device contains an 8-bit shift
register with one serial input and eight parallel-load
inputs.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
SN74HC166D
SOIC (16)
9.90 mm × 3.90 mm
SN74HC166DB
SSOP (16)
6.20 mm × 5.30 mm
SN74HC166N
PDIP (16)
19.31 mm × 6.35 mm
SN74HC166NS
SO (16)
6.20 mm × 5.30 mm
SN74HC166PW
TSSOP (16)
5.00 mm × 4.40 mm
SN54HC166J
CDIP (16)
24.38 mm × 6.92 mm
SNJ54HC166FK
LCCC (20)
8.89 mm × 8.45 mm
SNJ54HC166J
CFP (16)
10.16 mm × 6.73 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
SN54HC166, SN74HC166
SCLS117E – DECEMBER 1982 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HC166DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC166DBR TI-SN74HC166DBR Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC166DBR TI1-SN74HC166DBR Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC166DBRE4 TI-SN74HC166DBRE4 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC166DBRE4 TI1-SN74HC166DBRE4 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC166DBRG4 TI-SN74HC166DBRG4 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SN74HC166DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54165 TI-SN54165 Datasheet
199Kb / 13P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com