| Electronic Components Datasheet Search |
|
SN74HC166DB Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74HC166DB Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 35 page ![]() 7 Detailed Description 7.1 Overview These parallel-in or serial-in, serial-out registers feature gated clock (CLK, CLK INH) inputs and an overriding clear (CLR) input. The parallel-in or serial-in modes are established by the shift/load (SH/LD) input. When high, SH/LD enables the serial (SER) data input and couples the eight flip-flops for serial shifting with each clock (CLK) pulse. When low, the parallel (broadside) data inputs are enabled, and synchronous loading occurs on the next clock pulse. During parallel loading, serial data flow is inhibited. Clocking is accomplished on the low-to-high-level edge of CLK through a 2-input positive-NOR gate, permitting one input to be used as a clock-enable or clock-inhibit function. Holding either CLK or CLK INH high inhibits clocking; holding either low enables the other clock input. This allows the system clock to be free running, and the register can be stopped on command with the other clock input. CLK INH should be changed to the high level only when CLK is high. CLR overrides all other inputs, including CLK, and resets all flip-flops to zero. 7.2 Functional Block Diagram 7.3 Device Functional Modes Table 7-1. Function Table INPUTS OUTPUTS INTERNAL QH CLR SH/LD CLK INH CLK SER PARALLEL A...H QA QB L X X X X X L L L H X L L X X QA0 QB0 QH0 H L L ↑ X a...h a b h H H L ↑ H X H QAn QGn H H L ↑ L X L QAn QGn H X H ↑ X X QA0 QB0 QH0 www.ti.com SN54HC166, SN74HC166 SCLS117E – DECEMBER 1982 – REVISED FEBRUARY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: SN54HC166 SN74HC166 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |