Electronic Components Datasheet Search
  English  ▼

X  

PM7351 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7351
Description  OCTAL SERIAL LINK MULTIPLEXER
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7351 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7351 Datasheet HTML 35Page - PMC-Sierra, Inc PM7351 Datasheet HTML 36Page - PMC-Sierra, Inc PM7351 Datasheet HTML 37Page - PMC-Sierra, Inc PM7351 Datasheet HTML 38Page - PMC-Sierra, Inc PM7351 Datasheet HTML 39Page - PMC-Sierra, Inc PM7351 Datasheet HTML 40Page - PMC-Sierra, Inc PM7351 Datasheet HTML 41Page - PMC-Sierra, Inc PM7351 Datasheet HTML 42Page - PMC-Sierra, Inc PM7351 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 174 page
background image
RELEASED
PM7351 S/UNI-VORTEX
DATA SHEET
PMC-1980582
ISSUE 5
OCTAL SERIAL LINK MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
9
FUNCTIONAL DESCRIPTION
First, a brief note on terminology. Throughout this document the use of the term
“downstream” implies data read in from the parallel bus (or microprocessor port)
and sent out the LVDS links. However, since the S/UNI-VORTEX is a slave
device and bus direction (transmit or receive) is normally defined with respect to
the bus master, the downstream bus is called the Transmit bus. Conversely,
“upstream” is used to describe the data path from the LVDS to the parallel bus,
which is called the Receive bus.
9.1 Cell Interface
Cell transfer from the S/UNI-VORTEX (bus slave) to a traffic management device
(bus master) in the upstream direction is configurable as either SCI-PHY or Any-
PHY. SCI-PHY is very similar to UTOPIA, but it supports the appended bytes
used by the S/UNI-VORTEX for carrying PHY address information. If the option
to place PHY addressing information in the H5/UDF field is enabled, the SCI-
PHY bus is compatible to a 16 bit Utopia Level 2. Any-PHY defines inband
selection and polling techniques to support a large number of logical channels,
where SCI-PHY is limited to 32 and UTOPIA is limited to 31.
The downstream interface only provides an Any-PHY bus slave interface. While
the downstream cell transfer mechanism is compatible with existing SCI-PHY
devices (or UTOPIA devices supporting extended cells), the channel status
polling is a new extension.
16-bit wide busses plus parity are supported; 8 bit wide is not supported.
9.1.1 Downstream
Conceptually, the Any-PHY protocol can be divided into two processes: polling
and cell transfer.
Polling in the downstream direction is used by the bus master – typically a traffic
buffering and management device – to determine when a buffered data cell can
be safely sent to a downstream PHY. The S/UNI-VORTEX provides an
independent cell buffer for each logical downstream channel on each LVDS link.
In total there are 256 data path cell buffers (maximum 32 channels per LVDS link
times 8 links) plus 8 microprocessor communication channel buffers (one per
link). This arrangement ensures there is no head of line blocking while
eliminating the risk of buffer overflow.
The traffic manager need only poll those logical channels for which it has
downstream cells queued. A cell transfer can be initiated after a polled logical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com