Electronic Components Datasheet Search
  English  ▼

X  

SX9331 Datasheet(PDF) 36 Page - Semtech Corporation

Part # SX9331
Description  PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9331 Datasheet(HTML) 36 Page - Semtech Corporation

Back Button SX9331 Datasheet HTML 32Page - Semtech Corporation SX9331 Datasheet HTML 33Page - Semtech Corporation SX9331 Datasheet HTML 34Page - Semtech Corporation SX9331 Datasheet HTML 35Page - Semtech Corporation SX9331 Datasheet HTML 36Page - Semtech Corporation SX9331 Datasheet HTML 37Page - Semtech Corporation SX9331 Datasheet HTML 38Page - Semtech Corporation SX9331 Datasheet HTML 39Page - Semtech Corporation SX9331 Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
SX9331
Final Datasheet
April 21, 2023
www.semtech.com
36 of 48
Rev. 2
Proprietary & Confidential
Semtech
frozen until prox is released.
b1: Off, as soon as prox is detected, average is
frozen for 4*AVGDEB_PH0 samples and then
unfrozen (even if prox is not released).
This setting is only applicable when the USE filter is
disabled.
AVGNEGFILT_PH0
13:11 RW
b001
Defines the strength of the AVG negative filter for
phase 0:
b000: 0 (Off)
b001: 1-1/2
b010: 1-1/4
b011: 1-1/8
b100: 1-1/16
b101: 1-1/32
b110: 1-1/64
b111: 1 (Infinite)
AVGPOSFILT_PH0
10:8 RW
b100
Defines the strength of the AVG positive filter for phase
0:
b000: 0 (Off)
b001: 1-1/32
b010: 1-1/64
b011: 1-1/128
b100: 1-1/256
b101: 1-1/512
b110: 1-1/1024
b111: 1 (Infinite)
USETHRSHNODET_PH0
7:0
RW
h00
Defines the non-detection threshold of the USE filter
for phase 0:
h00: 0
h01: 0.0625
h02: 0.125
…
hFF: 15.9375
Coded on 8bits unsigned as XXXX.YYYY.
805C RegAvgAFiltPh0
USETHRSHDETPOS_PH0 31:24 RW
h00
Defines the positive detection threshold of the USE
filter for phase 0:
h00: 0
h01: 0.0625
…
h7F: 7.9375
h80: -8
h81: -7.9375
…
hFF: -0.0625
Coded on 8bits signed (2’s complement) as
XXXX.YYYY.
USETHRSHDETNEG_PH0 23:16 RW
h00
Defines the negative detection threshold of the USE
filter for phase 0:
h00: 0
h01: 0.0625
…
h7F: 7.9375
h80: -8
h81: -7.9375
…
hFF: -0.0625
Coded on 8bits signed (2’s complement) as
XXXX.YYYY.
USEFILTFACT_PH0
15:13 RW
b000
Defines the multiplication factor applied to all 6 USE
filter thresholds and correction values for phase 0:
b000: x1
b001: x2
b010: x4
b011: x8
b100: x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com