Electronic Components Datasheet Search
  English  ▼

X  

SX9331 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX9331
Description  PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9331 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX9331 Datasheet HTML 7Page - Semtech Corporation SX9331 Datasheet HTML 8Page - Semtech Corporation SX9331 Datasheet HTML 9Page - Semtech Corporation SX9331 Datasheet HTML 10Page - Semtech Corporation SX9331 Datasheet HTML 11Page - Semtech Corporation SX9331 Datasheet HTML 12Page - Semtech Corporation SX9331 Datasheet HTML 13Page - Semtech Corporation SX9331 Datasheet HTML 14Page - Semtech Corporation SX9331 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SX9331
Final Datasheet
April 21, 2023
www.semtech.com
11 of 48
Rev. 2
Proprietary & Confidential
Semtech
3. Proximity Sensing Interface
3.1. Introduction
The purpose of the proximity sensing interface is to detect when a conductive object (usually a body part i.e. finger,
palm, face, etc.) is in the proximity of the system. Note that proximity sensing can be done through the air or through a
solid (typically plastic) overlay (also called “touch” sensing).
The chip’s proximity sensing interface is based on capacitive sensing technology. An overview is given the in figure
below.
Shield
Sensor
Analog
Front-End
(AFE)
Digital
Processing
SX9331
PROXSTAT
0
1
0
Finger, palm,
face, lap, etc
CSIOx
CSIOx
Figure 4: Proximity Sensing Interface Overview
The sensor can be a simple copper area on a PCB or FPC for example. Its capacitance (to ground) will vary
when a conductive object is moving in its proximity.
The optional shield can also be a simple copper area on a PCB or FPC below/under/around the sensor. It is
used to protect the sensor against potential surrounding noise sources and improve its global performance. It
also brings directivity to the sensing, for example sensing objects approaching from top only.
The analog front-end (AFE) performs the raw sensor’s capacitance measurement and converts it into a digital
value. It also controls the shield.
The digital processing block computes the raw capacitance measurement from the AFE and extracts a binary
information PROXSTAT corresponding to the proximity status, i.e. object is “Far” or “Close”. It also triggers AFE
operations (compensation, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com