Electronic Components Datasheet Search
  English  ▼

X  

SX9331 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX9331
Description  PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9331 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX9331 Datasheet HTML 9Page - Semtech Corporation SX9331 Datasheet HTML 10Page - Semtech Corporation SX9331 Datasheet HTML 11Page - Semtech Corporation SX9331 Datasheet HTML 12Page - Semtech Corporation SX9331 Datasheet HTML 13Page - Semtech Corporation SX9331 Datasheet HTML 14Page - Semtech Corporation SX9331 Datasheet HTML 15Page - Semtech Corporation SX9331 Datasheet HTML 16Page - Semtech Corporation SX9331 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SX9331
Final Datasheet
April 21, 2023
www.semtech.com
13 of 48
Rev. 2
Proprietary & Confidential
Semtech
When the conductive object to be detected (finger/palm/face, etc) is not present, the sensor only sees an inherent
capacitance value CEnv created by its electrical field’s interaction with the environment, in particular with ground areas.
When the conductive object (finger/palm/face, etc) approaches, the electrical field around the sensor will be modified
and the total capacitance seen by the sensor increased by the user capacitance CUser. This phenomenon is illustrated
in the figure below.
Overlay
PCB
Overlay
PCB
CSensor = CEnv
CSensor = CEnv + CUser
Figure 7: Proximity Effect on Electrical Field and Sensor Capacitance
The challenge of capacitive sensing is to detect this relatively small variation of CSensor (CUser usually contributes for a
few percent only) and differentiate it from environmental noise (CEnv also slowly varies together with the environment
characteristics like temperature, etc). For this purpose, the chip integrates an auto offset compensation mechanism
which dynamically monitors and removes the CEnv component to extract and process CUser only.
In first order, CUser can be estimated by the formula below:
A is the common area between the two electrodes hence the common area between the user’s finger/palm/face and
the sensor.
d is the distance between the two electrodes hence the proximity distance between the user and the system.
0
ε is the free space permittivity and is equal to 8.85 10e-12 F/m (constant)
r
ε is the dielectric relative permittivity.
Typical permittivity of some common materials is given in the table below.
Material
Typical rε
Glass
8
FR4
5
Acrylic Glass
3
Wood
2
Air
1
Table 8: Typical Permittivity of Some Common Materials
From the discussions above we can conclude that the most robust and efficient design will be the one that minimizes
CEnv value and variations while improving CUser.
d
A
ε
ε
C
r
User
0
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com