Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCAL6408APW Datasheet HTML 32Page - NXP Semiconductors PCAL6408APW Datasheet HTML 33Page - NXP Semiconductors PCAL6408APW Datasheet HTML 34Page - NXP Semiconductors PCAL6408APW Datasheet HTML 35Page - NXP Semiconductors PCAL6408APW Datasheet HTML 36Page - NXP Semiconductors PCAL6408APW Datasheet HTML 37Page - NXP Semiconductors PCAL6408APW Datasheet HTML 38Page - NXP Semiconductors PCAL6408APW Datasheet HTML 39Page - NXP Semiconductors PCAL6408APW Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
Over recommended operating free air temperature range; CL ≤ 100 pF; unless otherwise specified. See Figure 34.
Standard-
mode I2C-bus
Fast-mode
I2C-bus
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
tv(INT)
valid time on pin INT
from P port to INT
-
1
-
1
μs
trst(INT)
reset time on pin INT
from SCL to INT
-
1
-
1
μs
tv(Q)
data output valid time
from SCL to P port
-
400
-
400
ns
tsu(D)
data input set-up time
from P port to SCL
0
-
0
-
ns
th(D)
data input hold time
from P port to SCL
300
-
300
-
ns
Table 26. Switching characteristics
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
36 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com