Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCAL6408APW Datasheet HTML 4Page - NXP Semiconductors PCAL6408APW Datasheet HTML 5Page - NXP Semiconductors PCAL6408APW Datasheet HTML 6Page - NXP Semiconductors PCAL6408APW Datasheet HTML 7Page - NXP Semiconductors PCAL6408APW Datasheet HTML 8Page - NXP Semiconductors PCAL6408APW Datasheet HTML 9Page - NXP Semiconductors PCAL6408APW Datasheet HTML 10Page - NXP Semiconductors PCAL6408APW Datasheet HTML 11Page - NXP Semiconductors PCAL6408APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
Pin
Symbol
TSSOP16
HVQFN16
XQFN16
XFBGA16,
X2QFN16
Description
P2[1]
6
4
4
C1
Port P input/output 2.
P3[1]
7
5
5
D1
Port P input/output 3.
VSS
8
6
6
D2
Ground.
P4[1]
9
7
7
D3
Port P input/output 4.
P5[1]
10
8
8
D4
Port P input/output 5.
P6[1]
11
9
9
C4
Port P input/output 6.
P7[1]
12
10
10
C3
Port P input/output 7.
INT
13
11
11
B4
Interrupt output. Connect to VDD(I2C-bus) through a pull-up
resistor.
SCL
14
12
12
A4
Serial clock bus. Connect to VDD(I2C-bus) through a pull-up
resistor.
SDA
15
13
13
B3
Serial data bus. Connect to VDD(I2C-bus) through a pull-up
resistor.
VDD(P)
16
14
14
A3
Supply voltage of PCAL6408A for Port P.
Table 3. Pin description...continued
[1]
All I/O are configured as input at power-on.
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
8 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com