Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408AHKX Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCAL6408AHKX
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408AHKX Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCAL6408AHKX Datasheet HTML 18Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 19Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 20Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 21Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 22Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 23Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 24Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 25Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
VDD(P)
P0 to P7
Configuration
register
002aah093
DECODER
PMOS_EN0
PMOS_EN1
PMOS_EN2
PMOS_EN3
NMOS_EN3
NMOS_EN2
NMOS_EN1
NMOS_EN0
Output port
register
Current Control
register
PMOS_EN[3:0]
NMOS_EN[3:0]
Figure 19. Simplified output stage
Reducing the current drive capability may be desirable to reduce system noise. When the output switches
(transitions from H/L), there is a peak current that is a function of the output drive selection. This peak
current runs through VDD and VSS package inductance and creates noise (some radiated, but more critically
Simultaneous Switching Noise (SSN)). In other words, switching many outputs at the same time creates ground
and supply noise. The output drive strength control through the Output Drive Strength registers allows the user
to mitigate SSN issues without the need of additional external components.
9.3 Power-on reset requirements
In the event of a glitch or data corruption, PCAL6408A can be reset to its default conditions by using the power-
on reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 20 and Figure 21.
002aag960
VDD(P)
time
ramp-up
ramp-down
(dV/dt)r
(dV/dt)f
re-ramp-up
(dV/dt)r
time to re-ramp
when VDD(P) drops
below 0.2 V or to VSS
td(rst)
Figure 20. VDD is lowered below 0.2 V or 0 V and then ramped up to VDD
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
22 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com