Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408AHKX Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCAL6408AHKX
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408AHKX Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCAL6408AHKX Datasheet HTML 25Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 26Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 27Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 28Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 29Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 30Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 31Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 32Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
Tamb = -40 °C to +85 °C; VDD(I2C-bus) = 1.65 V to 5.5 V; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit
IIH
HIGH-level input current
P port; VI = VDD(P); VDD(P) = 1.65 V to 5.5 V
-
-
1
μA
IIL
LOW-level input current
P port; VI = VSS; VDD(P) = 1.65 V to 5.5 V
-
-
1
μA
IDD(I2C-bus) + IDD(P); Operating mode;
SDA, P port, ADDR, RESET;
VI on SDA and RESET = VDD(I2C-bus) or VSS; VI on
P port and ADDR = VDD(P) or VSS; IO = 0 mA; I/O
= inputs; fSCL = 400 kHz
VDD(P) = 3.6 V to 5.5 V
-
10
25
μA
VDD(P) = 2.3 V to 3.6 V
-
6.5
15
μA
VDD(P) = 1.65 V to 2.3 V
-
4
9
μA
IDD(I2C-bus) + IDD(P); Standby mode;
SCL, SDA, P port, ADDR, RESET;
VI on SCL, SDA and RESET = VDD(I2C-bus) or VSS;
VI on P port and ADDR = VDD(P); IO = 0 mA; I/O =
inputs; fSCL = 0 kHz
VDD(P) = 3.6 V to 5.5 V
-
1.5
7
μA
VDD(P) = 2.3 V to 3.6 V
-
1
3.2
μA
VDD(P) = 1.65 V to 2.3 V
-
0.5
1.7
μA
Active mode; IDD(I2C-bus) + IDD(P);
P port, ADDR, RESET;
VI on RESET = VDD(I2C-bus);
VI on P port and ADDR = VDD(P);
IO = 0 mA; I/O = inputs;
fSCL = 400 kHz, continuous register read
VDD(P) = 3.6 V to 5.5 V
-
60
125
μA
VDD(P) = 2.3 V to 3.6 V
-
40
75
μA
VDD(P) = 1.65 V to 2.3 V
-
20
45
μA
with pull-ups enabled;
IDD(I2C-bus) + IDD(P); P port, ADDR, RESET;
VI on SCL, SDA and RESET = VDD(I2C-bus) or VSS;
VI on P port = VSS;
VI on ADDR = VDD(I2C-bus) or VSS;
IO = 0 mA; I/O = inputs with pull-up enabled; fSCL
= 0 kHz
IDD
supply current
VDD(P) = 1.65 V to 5.5 V
-
0.55
0.75
mA
SCL, SDA, RESET;
one input at VDD(I2C-bus) - 0.6 V,
other inputs at VDD(I2C-bus) or VSS;
VDD(P) = 1.65 V to 5.5 V
-
-
25
μA
ΔIDD
additional quiescent
supply current[6]
P port, ADDR;
one input at VDD(P) - 0.6 V,
other inputs at VDD(P) or VSS;
-
-
80
μA
Table 23. Static characteristics...continued
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
29 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com