Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408AHKX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCAL6408AHKX
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408AHKX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCAL6408AHKX Datasheet HTML 3Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 4Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 5Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 6Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 7Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 8Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 9Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 10Page - NXP Semiconductors PCAL6408AHKX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
A
B
C
D
1
2
3
4
PCAL6408AEX
Transparent top view
002aah675
ball A1
index area
Figure 5. Pin configuration for 1.6 mm × 1.6 mm XFBGA16
PCAL6408AEX1
Transparent top view
aaa-026716
terminal 1
index area
A
1
2
3
4
B
C
D
Figure 6. Pin configuration for 1.6 mm × 1.6 mm X2QFN16 EX1 land grid array
RESET
VDD(I2C-bus)
VDD(P)
1
2
3
P0
ADDR
SDA
A
B
P2
P1
P7
C
002aah676
Transparent top view
SCL
4
INT
P6
P3
VSS
P4
D
P5
Figure 7. Ball mapping for 1.6 mm × 1.6 mm XFBGA16/X2QFN16
5.2 Pin description
Pin
Symbol
TSSOP16
HVQFN16
XQFN16
XFBGA16,
X2QFN16
Description
VDD(I2C-bus)
1
15
15
A2
Supply voltage of I2C-bus. Connect directly to the VDD of the
external I2C controller. Provides voltage-level translation.
ADDR
2
16
16
B2
Address input. Connect directly to VDD(P) or ground.
RESET
3
1
1
A1
Active LOW reset input. Connect to VDD(I2C-bus) through a pull-up
resistor if no active connection is used.
P0[1]
4
2
2
B1
Port P input/output 0.
P1[1]
5
3
3
C2
Port P input/output 1.
Table 3. Pin description
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
7 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com